Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP606MN33T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP606MN33T2G
Description  500mA, Low IGND, CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP606MN33T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP606MN33T2G Datasheet HTML 1Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 2Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 3Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 4Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 5Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 6Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 7Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 8Page - ON Semiconductor NCP606MN33T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP605, NCP606
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive Power Supply Input*
2
GND
Power Supply Ground
3
NC/EN
NCP605: This Pin is Not Connected
NCP606: This Pin is Enable Input, Active HIGH
4
Vout
Regulated Output Voltage
5
SENSE/ADJ
Output Voltage Sense Input
Fixed Version: Connect Directly to Output Capacitor
Adjustable Version: Connect to Middle Point of External Resistor Divider
6
Vin
Positive Power Supply Input*
EPAD
GND
Exposed Pad is Connected to Ground
*Pins 1 and 6 must be connected together externally for output current full range operation
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Range (Note 1)
Vin
−0.3 to 6.5
V
Chip Enable Voltage Range (NCP606 only)
VEN
−0.3 to 6.5
V
Output Voltage Range
Vout
−0.3 to 6.5
V
Output Voltage/Sense Input Range, SENSE/ADJ
VADJ
−0.3 to 6.5
V
ESD Capability
Human Body Model
Machine Model
ESD
4000
200
V
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device series contains ESD Protection and exceeds the following tests:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC− 150 mA per JEDEC standard: JESD78Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: v 150 mA per JEDEC standard: JESD78.
1. Minimum Vin = (Vout + VDO) or 1.5 V, whichever is higher.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
75
°C/W
Thermal Resistance, Junction−to−Case
RYJC
18
°C/W
2. Soldered on 645 mm2, 1 oz copper area, FR4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe
Operating Area.
OPERATING RANGES (Note 3)
Rating
Symbol
Value
Unit
Input Voltage (Note 4)
Vin
1.5 to 6.0
V
Output Current (Notes 5 and 6)
Iout
0 to 675
mA
Junction Temperature
TJ
−40 to 150
°C
Ambient Temperature
TA
−40 to 125
°C
3. Refer to Electrical Characteristics and Application Information for Safe Operating Area.
4. Minimum Vin = (Vout + VDO) or 1.5 V, whichever is higher.
5. Minimum limit valid for fixed versions only. For more details refer to Application Information Section.
6. Maximum limit for Vout = Vout(nom) − 10%.


Similar Part No. - NCP606MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP606MN33T2G ONSEMI-NCP606MN33T2G Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP606MN33T2G ONSEMI-NCP606MN33T2G Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
More results

Similar Description - NCP606MN33T2G

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
   Micropower, 500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com