Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP583XV33T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP583XV33T2G
Description  Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP583XV33T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP583XV33T2G Datasheet HTML 1Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 2Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 3Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 4Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 5Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 6Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 7Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 8Page - ON Semiconductor NCP583XV33T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP583
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 2. Output Voltage vs. Output Current
Figure 3. Output Voltage vs. Input Voltage
1.0
2.0
3.0
4.0
INPUT VOLTAGE Vin (V)
5.0
6.0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
Vout = 2.8 V
−15
10
35
60
TEMPERATURE (
°C)
85
2.86
2.84
2.82
2.80
2.78
2.76
2.74
−40
Vout = 2.8 V
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Output Voltage vs. Temperature
−15
10
35
60
TEMPERATURE (
°C)
85
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
−40
Vout = 1.5 V
−15
10
35
60
TEMPERATURE (
°C)
85
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
−40
Vout = 2.8 V
2.9
1.0
3.0
4.0
5.0
INPUT VOLTAGE Vin (V)
Iout = 1.0 mA
6.0
Iout = 30 mA
Iout = 50 mA
3.0
0
100
200
300
OUTPUT CURRENT Iout (mA)
Vin = 3.1 V
500
2.5
2.0
1.5
1.0
0.5
0
3.3 V
3.5 V
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
Vout = 2.8 V
Vout = 2.8 V
400
2.0
Figure 6. Quiescent Current vs. Temperature
Figure 7. Quiescent Current vs. Temperature


Similar Part No. - NCP583XV33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP583XV33T2G ONSEMI-NCP583XV33T2G Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583XV33T2G ONSEMI-NCP583XV33T2G Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results

Similar Description - NCP583XV33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP699 ONSEMI-NCP699 Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com