Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8623MN-50R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8623MN-50R2G
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8623MN-50R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8623MN-50R2G Datasheet HTML 1Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 2Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 3Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 4Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 5Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 6Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 7Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 8Page - ON Semiconductor NCV8623MN-50R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP623, NCV8623
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values; TA = −40°C to +85°C for NCP623 and
TA = −40°C to +125°C for NCV8623, Max TJ = 150°C)
Characteristics
Symbol
Min
Typ
Max
Unit
CONTROL ELECTRICAL CHARACTERISTICS
Input Voltage Range
VON/OFF
2.5
Vin
V
ON/OFF Input Current (All versions)
VON/OFF = 2.4 V
ION/OFF
2.5
mA
ON/OFF Input Voltages (All versions)
Logic “0”, i.e. OFF State
Logic “1”, i.e. ON State
VON/OFF
2.2
0.3
V
CURRENTS PARAMETERS
Current Consumption in OFF State (All versions)
OFF Mode Current: VIN = Vout +1.0 V, Iout = 0 mA
IQOFF
0.1
2.0
mA
Current Consumption in ON State (All versions)
ON Mode Sat Current: Vin = Vout + 1.0 V, Iout = 0 mA
IQON
170
200
mA
Current Consumption in Saturation ON State (All versions)
ON Mode Sat Current: VIN = 2.5 V or Vin = Vout − 0.4 V (Whichever is Higher), Iout = 0 mA
IQSAT
900
1400
mA
Current Limit Vin = Vout + 1.0 V, (All versions) (Note 1)
IMAX
175
210
mA
Vin = Vout + 1.0 V, TA = 25°C, 1.0 mA < Iout < 150 mA
2.5 Suffix
2.8 Suffix
3.0 Suffix
3.3 Suffix
4.0 Suffix
4.5 Suffix
5.0 Suffix
Vout
2.45
2.74
2.94
3.23
3.92
4.41
4.90
2.5
2.8
3.0
3.3
4.0
4.5
5.0
2.55
2.86
3.06
3.37
4.08
4.59
5.1
V
Vin = Vout + 1.0 V, −40°C < TA < 85°C, 1.0 mA < Iout < 150 mA
2.5 Suffix
2.8 Suffix
3.0 Suffix
3.3 Suffix
4.0 Suffix
4.5 Suffix
5.0 Suffix
Vout
2.41
2.70
2.89
3.18
3.86
4.34
4.83
2.5
2.8
3.0
3.3
4.0
4.5
5.0
2.59
2.90
3.11
3.42
4.14
4.66
5.17
V
LINE AND LOAD REGULATION, DROPOUT VOLTAGES
Line Regulation (All versions)
Vout + 1.0 V < Vin < 12 V, Iout = 60 mA
Regline
2.0
10
mV
Load Regulation (All versions)
Vin = Vout + 1.0 V
Iout = 1.0 to 60 mA
Iout = 1.0 to 100 mA
Iout = 1.0 to 150 mA
Regload
8.0
15
20
25
35
45
mV
Dropout Voltage (All versions)
Iout = 10 mA
Iout = 100 mA
Iout = 150 mA
Vin
Vout
30
137
180
90
230
260
mV
DYNAMIC PARAMETERS
Ripple Rejection (All versions)
Vin = Vout + 1.0 V, Vpp = 1.0 V, f = 1.0 kHz, Iout = 60 mA
60
70
dB
Line Transient Response
Vin = Vout + 1.0 V to Vout + 4.0 V, Iout = 60 mA, d(Vin)/dt = 15 mV/ms
1.0
mV


Similar Part No. - NCV8623MN-50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8603 ONSEMI-NCV8603 Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCV8605MN15T2G ONSEMI-NCV8605MN15T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCV8605MN15T2G ONSEMI-NCV8605MN15T2G Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
More results

Similar Description - NCV8623MN-50R2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com