Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP605MN33T2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP605MN33T2G
Description  500mA, Low IGND, CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP605MN33T2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP605MN33T2G Datasheet HTML 2Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 3Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 4Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 5Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 6Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 7Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 8Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 9Page - ON Semiconductor NCP605MN33T2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP605, NCP606
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Output Voltage vs. Temperature
(Vout = 1.25 V)
1.231
1.2348
1.2386
1.2424
1.2462
1.25
1.2538
1.2576
1.2614
1.2652
1.269
−40
−20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 0.5 V = 1.75 V
Vin = 6.0 V
Vout = 1.25 V
Figure 10. Output Voltage vs. Temperature
(Vout = 2.5 V)
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
−40
−20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 0.5 V = 3.0 V
Vin = 6.0 V
Vout = 2.5 V
Figure 11. Output Voltage vs. Temperature
(Vout = 5.0 V)
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
−40
−20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = 6.0 V
Vin = Vout + 0.5 V = 5.5 V
Figure 12. Dropout Voltage vs. Temperature
(Vout = 2.5 V)
0
30
60
90
120
150
180
210
240
270
300
−40
−20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Iout = 500 mA
Iout = 300 mA
Iout = 150 mA
Figure 13. Dropout Voltage vs. Temperature
(Vout = 5.0 V)
0
20
40
60
80
100
120
140
160
180
200
−40
−20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Iout = 150 mA
Iout = 300 mA
Iout = 500 mA
Figure 14. Ground Current vs. Temperature
80
90
100
110
120
130
140
150
160
170
180
−40
−20
0
204060
80
10
TA, AMBIENT TEMPERATURE (°C)
Vout = 5.0 V
Vout = 2.5 V
Vout = 1.25 V
Vin = Vout + 0.5 V
Iout = 500 mA
Vout = 5.0 V
Vout = 2.5 V
Vout = 5.0 V


Similar Part No. - NCP605MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP605MN33T2G ONSEMI-NCP605MN33T2G Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP605MN33T2G ONSEMI-NCP605MN33T2G Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
More results

Similar Description - NCP605MN33T2G

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
   Micropower, 500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com