Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP623MN-28R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP623MN-28R2G
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623MN-28R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP623MN-28R2G Datasheet HTML 3Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 4Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 5Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 6Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 7Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 8Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 9Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 10Page - ON Semiconductor NCP623MN-28R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP623, NCV8623
www.onsemi.com
7
NCP623 Wake−up Improvement
− In portable
applications, an immediate response to an enable signal is
vital. If noise is not a concern, the NCP623 without a bypass
capacitor settles in nearly 20
ms and typically delivers
65
mVRMS between 100 Hz and 100 kHz.
In ultra low−noise systems, the designer needs a 10 nF
bypass capacitor to decrease the noise down to 25
mVRMS
between 100 Hz and 100 kHz. With the addition of the 10 nF
capacitor, the wake−up time expands up to 1.0 ms as shown
on the data−sheet curves. If an immediate response is
wanted, Figure 3 provides a solution to charge the bypass
capacitor with the enable signal without degrading the noise
response of the NCP623.
At power−on, C4 is discharged. When the control logic
sends its wake−up signal by going high, the PNP base is
momentarily tied to ground. The PNP switch closes and
immediately charges the bypass capacitor C1 toward its
operating value. After a few
ms, the PNP opens and becomes
totally transparent to the regulator.
This circuit improves the response time of the regulator
which drops from 1.0 ms down to 30
ms. The value of C4
needs to be tweaked in order to avoid any bypass capacitor
overload during the wake−up transient.
Figure 3. A PNP Transistor Drives the
Bypass Pin when Enable Goes High
13
NCP623
+
+
C2
1.0
mF
C3
1.0
mF
Input
Output
C4
470 pF
C1
10 nF
R2
220 k
MMBT2902LT1
Q1
On/Off
2
64
5


Similar Part No. - NCP623MN-28R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623MN-28R2G ONSEMI-NCP623MN-28R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP623MN-28R2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com