Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP583 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP583
Description  Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP583 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP583_16 Datasheet HTML 2Page - ON Semiconductor NCP583_16 Datasheet HTML 3Page - ON Semiconductor NCP583_16 Datasheet HTML 4Page - ON Semiconductor NCP583_16 Datasheet HTML 5Page - ON Semiconductor NCP583_16 Datasheet HTML 6Page - ON Semiconductor NCP583_16 Datasheet HTML 7Page - ON Semiconductor NCP583_16 Datasheet HTML 8Page - ON Semiconductor NCP583_16 Datasheet HTML 9Page - ON Semiconductor NCP583_16 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP583
www.onsemi.com
10
PACKAGE DIMENSIONS
SC−82AB
SQ SUFFIX
CASE 419C−02
ISSUE F
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.30
0.0512
mm
inches
SCALE 10:1
0.65
0.026
1.90
0.075
0.90
0.035
0.70
0.028
0.95
0.037
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. 419C−01 OBSOLETE. NEW STANDARD IS
419C−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
12
3
A
G
S
N
J
K
4
D 3 PL
B
F
L
C
H
0.05 (0.002)
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
1.80
2.20
0.071
0.087
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.20
0.40
0.008
0.016
F
0.30
0.50
0.012
0.020
G
1.10
1.50
0.043
0.059
H
0.00
0.10
0.000
0.004
J
0.10
0.26
0.004
0.010
K
0.10
−−−
0.004
−−−
L
0.05 BSC
0.002 BSC
N
0.20 REF
0.008 REF
S
1.80
2.40
0.07
0.09
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent− Marking.pdf.
SCILLC reserves the right to make changes without further notice to any products herein.
SCILLC makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product
or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in
SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must
be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or
for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products
for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against
all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended
or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action
Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP583/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP583_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP58302DSADJR4G ONSEMI-NCP58302DSADJR4G Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP58302DSADJR4G ONSEMI-NCP58302DSADJR4G Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP583SQ15T1G ONSEMI-NCP583SQ15T1G Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results

Similar Description - NCP583_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP699 ONSEMI-NCP699 Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com