Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C322C322KZG5HA7301 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C322C322KZG5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C322C322KZG5HA7301 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C322C322KZG5HA7301 Datasheet HTML 6Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 7Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 8Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 9Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 10Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 11Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 12Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 13Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 10
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1D – C33X Style/Size, Capacitance Range Waterfall
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331.
C330, C331, C333, C335, C336 Style/Size (0.200" and 0.250" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
10pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
100*
100*
100*
100*
100*
100
100
11pF
110*
110*
110*
110*
110*
110
110
12pF
120*
120*
120*
120*
120*
120
120
13pF
130*
130*
130*
130*
130*
130
130
15pF
150*
150*
150*
150*
150*
150
150
16pF
160*
160*
160*
160*
160*
160
160
18pF
180*
180*
180*
180*
180*
180
180
20pF
200*
200*
200*
200*
200*
200
200
22pF
220*
220*
220*
220*
220*
220
220
24pF
240*
240*
240*
240*
240*
240
240
27pF
270*
270*
270*
270*
270*
270
270
30pF
300*
300*
300*
300*
300*
300
300
33pF
330*
330*
330*
330*
330*
330
330
36pF
360*
360*
360*
360*
360*
360
360
39pF
390*
390*
390*
390*
390*
390
390
43pF
430*
430*
430*
430*
430*
430
430
47pF
470*
470*
470*
470*
470*
470
470
51pF
510*
510*
510*
510*
510*
510
510
56pF
560*
560*
560*
560*
560*
560
560
62pF
620*
620*
620*
620*
620*
620
620
68pF
680*
680*
680*
680*
680*
680
680
75pF
750*
750*
750*
750*
750*
750
750
82pF
820*
820*
820*
820*
820*
820
820
91pF
910*
910*
910*
910*
910*
910
910
100pF
101*
101*
101*
101*
101*
101
101
110pF
111*
111*
111*
111*
111*
111
111
120pF
121*
121*
121*
121*
121*
121
121
130pF
131*
131*
131*
131*
131*
131
131
150pF
151*
151*
151*
151*
151*
151
151
160pF
161*
161*
161*
161*
161*
161
161
180pF
181*
181*
181*
181*
181*
181
181
200pF
201*
201*
201*
201*
201*
201
201
220pF
221*
221*
221*
221*
221*
221
221
240pF
241*
241*
241*
241*
241*
241
241
270pF
271*
271*
271*
271*
271*
271
271
300pF
301*
301*
301*
301*
301*
301
301
330pF
331*
331*
331*
331*
331*
331
331
360pF
361*
361*
361*
361*
361*
361
361
390pF
391*
391*
391*
391*
391*
391
391
430pF
431*
431*
431*
431*
431*
431
431
470pF
471*
471*
471*
471*
471*
471
471
510pF
511*
511*
511*
511*
511*
511
511
560pF
561*
561*
561*
561*
561*
561
561
620pF
621*
621*
621*
621*
621*
621
621
680pF
681*
681*
681*
681*
681*
681
681
750pF
751*
751*
751*
751*
751
751
820pF
821*
821*
821*
821*
821
821
910pF
911*
911*
911*
911*
911
911
1000pF
102*
102*
102*
102*
102
102
1100pF
112*
112*
112*
112*
112
112
1200pF
122*
122*
122*
122*
122
122
1300pF
132*
132*
132*
132
132
132
1500pF
152*
152*
152*
152
152
152
1600pF
162*
162*
162*
162
162
162
1800pF
182*
182*
182*
182
182
182
2000pF
202*
202*
202*
202
202
Rated Voltage (VDC)
500
630
1000
1500
2000
2500
3000
Voltage Code
C
B
D
F
G
Z
H


Similar Part No. - C322C322KZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C332K1R5TA KEMET-C322C332K1R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 3300 pF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C333K5R5TA7301 KEMET-C322C333K5R5TA7301 Datasheet
59Kb / 1P
   Ceramic, GoldMax, 0.033 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C334M5U5HA KEMET-C322C334M5U5HA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.33 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C334M5U5TA KEMET-C322C334M5U5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 20%, 50 V, Z5U, Lead Spacing = 5.08mm
C322C339D1G5CA KEMET-C322C339D1G5CA Datasheet
233Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C322C322KZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com