Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP551SN15T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP551SN15T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP551SN15T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP551SN15T1G Datasheet HTML 2Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 3Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 9Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP551, NCV551
www.onsemi.com
6
0
3.25
75
50
25
3.05
Figure 2. Ground Pin Current versus
Output Current
3.35
Iout, OUTPUT CURRENT (mA)
3.3
100
150
125
3.1
3.2
3.15
Vout = 2.8 V
Figure 3. Ground Pin Current versus
Output Current
0
3.35
75
50
25
3.15
3.45
Iout, OUTPUT CURRENT (mA)
3.4
100
150
125
3.2
3.3
3.25
Vout = 3.3 V
0.5
0
Figure 4. Ground Pin Current versus
Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 5. Ground Pin Current versus
Input Voltage
08
6
4
210
12
1
1.5
2
2.5
3
3.5
4
14
Vout(nom) = 2.8 V
Iout = 25 mA
0.5
0
Vin, INPUT VOLTAGE (VOLTS)
08
6
4
210
12
1
1.5
2
2.5
3
3.5
4
14
Vout(nom) = 3.3 V
Iout = 25 mA
400
0
4
−200
200
−600
6
0
4
600
200
400
200
TIME (
ms)
Figure 6. Line Transient Response
Figure 7. Line Transient Response
8
0
Vin = 3.8 V to 4.8 V
Vout = 2.8 V
Cout = 1 mF
Iout = 10 mA
TIME (
ms)
−200
0
400
6
800
1600
−400
−400
1200
1000
1400
600
400
200
800
160
1200
1000
1400
Vin = 3.8 V to 4.8 V
Vout = 2.8 V
Cout = 1 mF
Iout = 100 mA


Similar Part No. - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results

Similar Description - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com