Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C340C322JZG5HA7301 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C340C322JZG5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C340C322JZG5HA7301 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C340C322JZG5HA7301 Datasheet HTML 2Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 3Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 4Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 5Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 6Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 7Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 8Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 9Page - Kemet Corporation C340C322JZG5HA7301 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
6
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1A – C31X Style/Size, Capacitance Range Waterfall cont'd
Table 1B – C32X Style/Size, Capacitance Range Waterfall
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
C320, C322, C323, C326, C328 Style/Size (0.100" and 0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
1pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
109
109
109
1.1pF
119
119
119
1.2pF
129
129
129
1.3pF
139
139
139
1.5pF
159
159
159
1.6pF
169
169
169
1.8pF
189
189
189
2.0pF
209
209
209
2.2pF
229
229
229
2.4pF
249
249
249
2.7pF
279
279
279
3.0pF
309
309
309
3.3pF
339
339
339
3.6pF
369
369
369
3.9pF
399
399
399
4.3pF
439
439
439
4.7pF
479
479
479
5.1pF
519
519
519
5.6pF
569
569
569
6.2pF
629
629
629
6.8pF
689
689
689
7.5pF
759
759
759
8.2pF
829
829
829
9.1pF
919
919
919
10pF
100
100
100
100
100
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
C315, C316, C317, C318 Style/Size (0.100" and 0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
Voltage Code
C
B
D
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
220pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
221
221
221
240pF
241
241
241
270pF
271
271
271
300pF
301
301
330pF
331
331
360pF
361
361
390pF
391
391
430pF
431
431
470pF
471
471
510pF
511
511
560pF
561
561
620pF
621
680pF
681
750pF
751
820pF
821
Rated Voltage (VDC)
500
630
1,000
Voltage Code
C
B
D


Similar Part No. - C340C322JZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C105K1R5TA KEMET-C340C105K1R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C340C105K5R5TA KEMET-C340C105K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 1 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C340C106J1R5HA7301 KEMET-C340C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C340C106J1R5TA7301 KEMET-C340C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C340C322JZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com