CY7C4421V/4201V/4211V/4221V
CY7C4231V/4241V/4251V
Document #: 38-06010 Rev. *A
Page 7 of 17
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ...................................–65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –-55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +5.0V
DC Voltage Applied to Outputs
in High-Z State ............................................... –0.5V to +5.0V
DC Input Voltage ............................................–0.5V to +5.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 300 mV
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C42X1V-15
7C42X1V-25
7C42X1V-35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min.,
IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
5.0
2.0
5.0
2.0
5.0
V
VIL
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage Current
VCC = Max.
−10
+10
−10
+10
−10
+10
µA
IOZL
IOZH
Output OFF, High Z
Current
OE > VIH,
VSS < VO < VCC
−10
+10
−10
+10
−10
+10
µA
ICC
[4]
Active Power Supply
Current
Com’l
20
20
20
mA
ISB
[5]
Average Standby
Current
Com’l
6
6
6
mA
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms[7, 8]
Notes:
4.
Outputs open. Tested at Frequency = 20 MHz.
5.
All inputs = VCC – 0.2V, except WCLK and RCLK, which are switching at 20 MHz.
6.
Tested initially and after any design or process changes that may affect these parameters.
7.
CL = 30 pF for all AC parameters except for tOHZ.
8.
CL = 5 pF for tOHZ.
3.0V
3.3V
OUTPUT
R1= 330
Ω
R2=510
Ω
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
Vth=2.0V
Equivalent to:
THÉVENIN EQUIVALENT
Rth=200
Ω
ALL INPUT PULSES