Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC78L08ACPG Datasheet(PDF) 12 Page - ON Semiconductor

Part No. MC78L08ACPG
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L08ACPG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MC78L08ACPG Datasheet HTML 7Page - ON Semiconductor MC78L08ACPG Datasheet HTML 8Page - ON Semiconductor MC78L08ACPG Datasheet HTML 9Page - ON Semiconductor MC78L08ACPG Datasheet HTML 10Page - ON Semiconductor MC78L08ACPG Datasheet HTML 11Page - ON Semiconductor MC78L08ACPG Datasheet HTML 12Page - ON Semiconductor MC78L08ACPG Datasheet HTML 13Page - ON Semiconductor MC78L08ACPG Datasheet HTML 14Page - ON Semiconductor MC78L08ACPG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
12
ORDERING INFORMATION (continued)
Device
Shipping
Package
Operating
Temperature Range
Output Voltage
MC78L18ACPRMG
18 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L18ACPRPG
18 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L24ABPG
24 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
NCV78L24ABPRPG*
24 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L24ACPG
24 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L24ACPRAG
24 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L24ACPRPG
24 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
*NCV78L05A, NCV78L12A, NCV78L15A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.
ALYWB
G
8LxxA
SOIC−8
D SUFFIX
CASE 751
xx
= 05, 08, 09, 12, or 15
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
B, C = Temperature Range
G
= Pb−Free Package
MARKING DIAGRAMS
MC78L
zzABP
ALYWW
G
G
zz
= 05, 08, 09, 12, 15, 18 or 24
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
TO−92
P SUFFIX
CASE 029
ALYWC
G
8LxxA
MC78L
zzACP
ALYWW
G
G
12 3
1
8
1
8
12 3
Y W
X X
Y
= Year
W
= Work Week
XX = Specific Device Code
SOT−89
CASE 528AG


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn