Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC78L08ACPG Datasheet(PDF) 11 Page - ON Semiconductor

Part No. MC78L08ACPG
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L08ACPG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC78L08ACPG Datasheet HTML 7Page - ON Semiconductor MC78L08ACPG Datasheet HTML 8Page - ON Semiconductor MC78L08ACPG Datasheet HTML 9Page - ON Semiconductor MC78L08ACPG Datasheet HTML 10Page - ON Semiconductor MC78L08ACPG Datasheet HTML 11Page - ON Semiconductor MC78L08ACPG Datasheet HTML 12Page - ON Semiconductor MC78L08ACPG Datasheet HTML 13Page - ON Semiconductor MC78L08ACPG Datasheet HTML 14Page - ON Semiconductor MC78L08ACPG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
11
ORDERING INFORMATION (continued)
Device
Shipping
Package
Operating
Temperature Range
Output Voltage
MC78L12ABPRPG
12 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
NCV78L12ABPG*
12 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L12ACDG
12 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
MC78L12ACDR2G
12 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC78L12ACPG
12 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L12ACPRAG
12 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L12ACPREG
12 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L12ACPRMG
12 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L12ACPRPG
12 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L15ABDG
15 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
MC78L15ABDR2G
15 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV78L15ABDR2G*
15 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC78L15ABPG
15 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L15ABPRAG
15 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L15ABPRPG
15 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L15ACDG
15 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
MC78L15ACDR2G
15 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC78L15ACPG
15 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L15ACPRAG
15 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L15ACPRPG
15 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L18ABPG
18 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L18ACPG
18 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L18ACPRAG
18 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
*NCV78L05A, NCV78L12A, NCV78L15A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn