Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV031B Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Parameter Measurement Information (Continued)
Typical Application
Applications Information
General application guidelines and hints for LVDS drivers
and receivers may be found in the following application
notes: LVDS Owner’s Manual (lit #550062-001), AN808,
AN977, AN971, AN916, AN805, AN903.
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in
Figure 6. This configuration provides a clean signaling en-
vironment for the quick edge rates of the drivers. The re-
ceiver is connected to the driver through a balanced media
which may be a standard twisted pair cable, a parallel pair
cable, or simply PCB traces. Typically, the characteristic dif-
ferential impedance of the media is in the range of 100
Ω.A
termination resistor of 100
Ω should be selected to match the
media, and is located as close to the receiver input pins as
possible. The termination resistor converts the current
sourced by the driver into a voltage that is detected by the re-
ceiver. Other configurations are possible such as a
multi-receiver configuration, but the effects of a mid-stream
connector(s), cable stub(s), and other impedance disconti-
nuities as well as ground shifting, noise margin limits, and to-
tal termination loading must be taken into account.
The DS90LV031B differential line driver is a balanced cur-
rent source design. A current mode driver, generally speak-
ing has a high output impedance and supplies a constant
current for a range of loads (a voltage mode driver on the
other hand supplies a constant voltage for a range of loads).
Current is switched through the load in one direction to pro-
duce a logic state and in the other direction to produce the
other logic state. The output current is typically 3.5 mA, a
minimum of 2.5 mA, and a maximum of 4.5 mA. The current
mode requires (as discussed above) that a resistive termi-
nation be employed to terminate the signal and to complete
the loop as shown in
Figure 6. AC or unterminated configu-
rations are not allowed. The 3.5 mA loop current will develop
a differential voltage of 350 mV across the 100
Ω termination
resistor which the receiver detects with a 250 mV minimum
differential noise margin neglecting resistive line losses
(driven signal minus receiver threshold (350 mV – 100 mV =
250 mV)). The signal is centered around +1.2V (Driver Off-
set, V
OS) with respect to ground as shown in Figure 7. Note
that the steady-state voltage (V
SS) peak-to-peak swing is
twice the differential voltage (V
OD) and is typically 700 mV.
The current mode driver provides substantial benefits over
voltage mode drivers, such as an RS-422 driver. Its quies-
cent current remains relatively flat versus switching fre-
quency. Whereas the RS-422 voltage mode driver increases
exponentially in most case between 20 MHz–50 MHz. This
is due to the overlap current that flows between the rails of
the device when the internal gates switch. Whereas the cur-
rent mode driver switches a fixed current between its output
without any substantial overlap current. This is similar to
some ECL and PECL devices, but without the heavy static
I
CC requirements of the ECL/PECL designs. LVDS requires
about 80% less current than similar PECL devices. AC speci-
fications for the driver are a tenfold improvement over other
existing RS-422 drivers.
DS101311-7
FIGURE 5. Driver TRI-STATE Delay Waveform
DS101311-8
FIGURE 6. Point-to-Point Application
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS90C031LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C031BLVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV032A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn