Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950ACDT-3RKG Datasheet(PDF) 11 Page - ON Semiconductor

Part # LP2950ACDT-3RKG
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950ACDT-3RKG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LP2950ACDT-3RKG Datasheet HTML 7Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 8Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 9Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 10Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 11Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 12Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 13Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 14Page - ON Semiconductor LP2950ACDT-3RKG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
11
TYPICAL APPLICATIONS
Figure 21. Lithium Ion Battery Cell Charger
1N4001
GND
4.2 V
± 0.025 V
NC
NC
50 k
5
3
Error
SD
GND FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.1
mF
NC
LP2951CN
2.2
mF
330 pF
806 k
1.0%
2.0 M
1.0%
Lithium Ion
Rechargeable
Cell
Unregulated Input
6.0 to 10 Vdc
Figure 22. Low Drift Current Sink
Error
Output
Shutdown
Input
+V = 2.0 to 30 V
1.0
mF
R
5
3
Error
SD
GND
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.1
mF
Load
IL = 1.23/R
IL
Figure 23. Latch Off When Error Flag Occurs
Reset
+Vin
Vout
1.0
mF
NC
NC
R2
R1
470 k
5
3
Error
SD
GND FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
470 k
Error flag occurs when Vin is too
low to maintain Vout, or if Vout is re-
duced by excessive load current.
Normally
Closed
2N3906
Figure 24. 5.0 V Regulator with 2.5 V Sleep Function
*Sleep
Input
+Vin
Vout
3.3
mF
NC
NC
100 k
100 k
470 k
5
3
Error
SD
GND
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
200 k
100 pF
2N3906
47 k
CMOS
Gate
Error
Output
Shutdown
Input
LP2951CN


Similar Part No. - LP2950ACDT-3RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950ACDT-3RKG ONSEMI-LP2950ACDT-3RKG Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2950ACDT-3RKG ONSEMI-LP2950ACDT-3RKG Datasheet
193Kb / 22P
   Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results

Similar Description - LP2950ACDT-3RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-33R2G ONSEMI-LP2951ACD-33R2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com