Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51411GD8G Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS51411GD8G
Description  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411GD8G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS51411GD8G Datasheet HTML 5Page - ON Semiconductor CS51411GD8G Datasheet HTML 6Page - ON Semiconductor CS51411GD8G Datasheet HTML 7Page - ON Semiconductor CS51411GD8G Datasheet HTML 8Page - ON Semiconductor CS51411GD8G Datasheet HTML 9Page - ON Semiconductor CS51411GD8G Datasheet HTML 10Page - ON Semiconductor CS51411GD8G Datasheet HTML 11Page - ON Semiconductor CS51411GD8G Datasheet HTML 12Page - ON Semiconductor CS51411GD8G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
9
Some representative efficiency data is shown in Figure 10.
0
20
40
60
80
100
0
500
1000
1500
Vin = 5.5 V, Vout= 3.3 V
Vin = 7.5 V, Vout = 5.0 V
Vin = 15V, Vout = 12 V
Figure 10. Efficiency versus Output Current
IOUT, OUTPUT CURRENT (mA)
More detailed information is available in the ON
Semiconductor application note AND8276/D on V2 and the
CS5141x demonstration board number.
Error Amplifier
The CS5141X has a transconductance error amplifier,
whose noninverting input is connected to an Internal
Reference Voltage generated from the on−chip regulator. The
inverting input connects to the VFB pin. The output of the
error amplifier is made available at the VC pin. A typical
frequency compensation requires only a 0.1
mF capacitor
connected between the VC pin and ground, as shown in
Figure 1. This capacitor and error amplifier’s output
resistance (approximately 8.0 M
W) create a low frequency
pole to limit the bandwidth. Since V2 control does not require
a high bandwidth error amplifier, the frequency
compensation is greatly simplified.
The VC pin is clamped below Output High Voltage. This
allows the regulator to recover quickly from overcurrent or
short circuit conditions.
Oscillator and Sync Feature (CS51411 and CS51413 only)
The on−chip oscillator is trimmed at the factory and requires
no external components for frequency control. The high
switching frequency allows smaller external components to be
used, resulting in a board area and cost savings. The tight
frequency tolerance simplifies magnetic components election.
The switching frequency is reduced to 25% of the nominal
value when the VFB pin voltage is below Frequency Foldback
Threshold. In short circuit or overload conditions, this reduces
the power dissipation of the IC and external components.
An external clock signal can sync CS51411/CS51414 to a
higher frequency. The rising edge of the sync pulse turns on the
power switch to start a new switching cycle, as shown in
Figure 11. There is approximately 0.5
ms delay between the
rising edge of the sync pulse and rising edge of the VSW pin
voltage. The sync threshold is TTL logic compatible, and duty
cycle of the sync pulses can vary from 10% to 90%. The
frequency foldback feature is disabled during the sync mode.
Figure 11. A CS51411 Buck Regulator is Synced by an
External 350 kHz Pulse Signal
Power Switch and Current Limit
The collector of the built−in NPN power switch is
connected to the VIN pin, and the emitter to the VSW pin.
When the switch turns on, the VSW voltage is equal to the
VIN minus switch Saturation Voltage. In the buck regulator,
the VSW voltage swings to one diode drop below ground
when the power switch turns off, and the inductor current is
commutated to the catch diode. Due to the presence of high
pulsed current, the traces connecting the VSW pin, inductor
and diode should be kept as short as possible to minimize the
noise and radiation. For the same reason, the input capacitor
should be placed close to the VIN pin and the anode of the
diode.
The saturation voltage of the power switch is dependent
on the switching current, as shown in Figure 12.
Figure 12. The Saturation Voltage of the Power Switch
Increases with the Conducting Current
0
0.5
1.0
1.5
SWITCHING CURRENT (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Members of the CS5141X family contain pulse−by−pulse
current limiting to protect the power switch and external
components. When the peak of the switching current reaches
the Current Limit, the power switch turns off after the
Current Limit Delay. The switch will not turn on until the
next switching cycle. The current limit threshold is


Similar Part No. - CS51411GD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Similar Description - CS51411GD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com