Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950ACZ-5.0RAG Datasheet(PDF) 8 Page - ON Semiconductor

Part # LP2950ACZ-5.0RAG
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950ACZ-5.0RAG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LP2950ACZ-5.0RAG Datasheet HTML 4Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 5Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 6Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 7Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 8Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 9Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 10Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 11Page - ON Semiconductor LP2950ACZ-5.0RAG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
8
1
0
100
100
4.0
-40
1.8
1.0
80
Vin, INPUT VOLTAGE (V)
f, FREQUENCY (Hz)
t, TEMPERATURE (
°C)
f, FREQUENCY (Hz)
TA = 25°C
CL = 1.0 mF
Vin = 6.0 V
Vout = 5.0 V
CL = 1.0 mF
CL = 100 mF
IL= 0.1 mA
IL= 100 mA
TA = 25°C
VO = 5.0 V
LP2951C
Output “Off"
Output “On"
TA = 25°C
LP2951CN
60
40
20
0
3.0
2.0
1.0
0
80
60
40
20
0
1.4
1.0
0.8
1.2
1.6
10
100
1.0 k
10 k
100 k
1.0 k
10 k
100 k
-20
40
80
120
160
5.0
15
25
35
40
10
20
30
60
100
140
20
0
TA = 75°C
4.0
2.0
0
-2.0
-4.0
-6.0
0.01
0.1
10
100
1000
10000
0
10
20
3040
50
60708090
100
Output Current (mA)
Unstable Region
Stable Region
Unstable Region for 0.1
mF capacitor only
100
mF
0.1
mF
Vout = 5 V
Lower unstable region is for 0.1
mF only.
1
mF and 100 mF show no instability with low ESR values.
0
200
t, TIME (ms)
Figure 12. Load Transient Response
4
2.5
0.5
1.5
2
3
3.5
1
150
100
0
-50
50
Vout
ILoad
0
-200
200
400
-400
CL = 1.0 mF
Vout = 5.0 V
IL = 400 mA to 75 mA
TA = 25°C
Figure 13. Ripple Rejection
Figure 14. Output Noise
Figure 15. Shutdown Threshold Voltage
versus Temperature
Figure 16. Maximum Rated
Output Current
Figure 17. Output Stability versus Output Capacitor
Change


Similar Part No. - LP2950ACZ-5.0RAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950ACZ-5.0RAG ONSEMI-LP2950ACZ-5.0RAG Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2950ACZ-5.0RAG ONSEMI-LP2950ACZ-5.0RAG Datasheet
193Kb / 22P
   Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results

Similar Description - LP2950ACZ-5.0RAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-33R2G ONSEMI-LP2951ACD-33R2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com