Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346ZC Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY28346ZC
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346ZC Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY28346ZC Datasheet HTML 12Page - Cypress Semiconductor CY28346ZC Datasheet HTML 13Page - Cypress Semiconductor CY28346ZC Datasheet HTML 14Page - Cypress Semiconductor CY28346ZC Datasheet HTML 15Page - Cypress Semiconductor CY28346ZC Datasheet HTML 16Page - Cypress Semiconductor CY28346ZC Datasheet HTML 17Page - Cypress Semiconductor CY28346ZC Datasheet HTML 18Page - Cypress Semiconductor CY28346ZC Datasheet HTML 19Page - Cypress Semiconductor CY28346ZC Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *B
Page 16 of 20
66B
TDC
66B(0:2) Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TR/TF
66B(0:2) Rise and Fall
Times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
ns
12, 25
TSKEW
Any 66B to Any 66B
Skew
175
175
175
175
ps
12, 13
TPD
66IN to 66B(0:2) Propa-
gation Delay
2.5
4.5
2.5
4.5
2.5
4.5
2.5
4.5
ns
12, 13
TCCJ
66B(0:2) Cycle to Cycle
Jitter
100
100
100
100
ps
12, 13,
26
PCI
TDC
PCI_F(0:2) PCI (0:6)
Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TPERIOD
PCI_F(0:2) PCI (0:6)
Period
30.0
30.0
30.0
30
nS
9, 12,
13
THIGH
PCI_F(0:2) PCI (0:6)
HIGH Time
12.0
12.0
12.0
12.0
nS
23
TLOW
PCI_F(0:2) PCI (0:6)
LOW Time
12.0
12.0
12.0
12.0
nS
24
TR/TF
PCI_F(0:2) PCI (0:6)
Rise and Fall Times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
25
TSKEW
Any PCI Clock to Any
PCI Clock Skew
500
500
500
500
pS
12, 13
TCCJ
PCI_F(0:2) PCI (0:6)
Cycle to Cycle Jitter
250
250
250
250
ps
12, 13
48MUSB
TDC
48MUSB Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TPERIOD
48MUSB Period
20.8299 20.8333 20.8299 20.8333 20.8299 20.8333 20.8299 20.8333
ns
12, 13
TR/TF
48MUSB Rise and Fall
Times
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.10
ns
12, 25
TCCJ
48MUSB Cycle to Cycle
Jitter
350
350
350
350
ps
9, 12,
13
48MDOT
TDC
48MDOT Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TPERIOD
48MDOT Period
20.837
20.837
20.837
20.837
ns
12, 13
TR/TF
48MDOT Rise and Fall
Times
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
ns
12, 13
TCCJ
48MDOT Cycle to Cycle
Jitter
350
350
350
350
ps
12, 13
REF
TDC
REF Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TPERIOD
REF Period
69.84
71.0
69.84
71.0
69.84
71.0
69.84
71.0
ns
12, 13
TR/TF
REF Rise and Fall
Times
1.0
4.0
1.0
4.0
1.0
4.0
1.0
4.0
ns
12, 25
TCCJ
REF Cycle to Cycle
Jitter
1000
1000
1000
1000
ps
12, 13
Note:
26. This figure is in addition to any jitter already present when the 66IN pin is being used as an input. Otherwise a 500-ps jitter figure is specified.
AC Parameters (VDD = VDDA = 3.3V ±5%, TA = 0°C to +70°C) (continued)
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY28346ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28346ZC SPECTRALINEAR-CY28346ZC Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346ZC CYPRESS-CY28346ZC Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346ZC SILABS-CY28346ZC Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346ZC-2 CYPRESS-CY28346ZC-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346ZC-2 SPECTRALINEAR-CY28346ZC-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com