Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM317
Description  1.5 A Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor LM317 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM317, NCV317
www.onsemi.com
6
Figure 13. Ripple Rejection versus Output
Voltage
Figure 14. Ripple Rejection versus
Output Current
Figure 15. Ripple Rejection versus Frequency
Figure 16. Output Impedance
Figure 17. Line Transient Response
Figure 18. Load Transient Response
CL = 1.0 mF;
CAdj = 10 mF
Vin
CL = 1.0 mF;
CAdj = 10 mF
IL
Vin - Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
Vin = 15 V
Vout = 10 V
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
Without CAdj
IL = 500 mA
Vin = 15 V
Vout = 10 V
TJ = 25°C
CAdj = 10 mF
Vin = 15 V
Vout = 10 V
IL = 500 mA
TJ = 25°C
CAdj = 10 mF
Without CAdj
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
1.0
0.5
0
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
1.5
1.0
0.5
0
100
80
60
40
20
0
120
100
80
60
40
20
0
100
80
60
40
20
0
101
100
10-1
10-2
10-3
010
20
30
40
t, TIME (
ms)
010
20
30
40
0
5.0
10
15
20
25
30
35
Vout, OUTPUT VOLTAGE (V)
0.01
0.1
1.0
10
IO, OUTPUT CURRENT (A)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
t, TIME (
ms)
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
Vout = 10 V
IL = 50 mA
TJ = 25°C
CL = 0;
Without CAdj
CL = 0;
Without CAdj


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com