Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV6201BVP2-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAV6201BVP2-GT3
Description  300 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV6201BVP2-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAV6201BVP2-GT3 Datasheet HTML 2Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 3Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 4Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 5Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 9Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT6201, CAV6201B
http://onsemi.com
8
TYPICAL CHARACTERISTICS (shown for 7.5 V output)
(VIN = 8.5 V, R1 = 5.1 kW, R2 = 1 kW, CIN = 1 mF, COUT = 2.2 mF, CBYP = 10 nF, REXT = 68 kW,
TA = 25°C unless otherwise specified. All transient characteristics are generated using the evaluation board CAT6201EVAL1.)
Figure 15. Enable Turn−On (No Load)
Figure 16. Enable Turn−On (22 W Load)
Figure 17. Enable Operation (No Load)
Figure 18. Enable Operation (22 W Load)
Figure 19. Load Transient Response
(1 mA to 330 mA)
Figure 20. Fault Operation
(VIN = 7 V and 22 W Load)


Similar Part No. - CAV6201BVP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV6201BVP2-GT3 ONSEMI-CAV6201BVP2-GT3 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
More results

Similar Description - CAV6201BVP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com