Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part No. CY28346
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28346 Datasheet(HTML) 18 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *B
Page 18 of 20
Package Drawing and Dimensions
Ordering Information
Part Number
Package Type
Product Flow
CY28346OC
56-pin SSOP – Tube
Commercial, 0
° to 70°C
CY28346OCT
56-pin SSOP – Tape and Reel
Commercial, 0
° to 70°C
CY28346ZC
56-pin TSSOP – Tube
Commercial, 0
° to 70°C
CY28346ZCT
56-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
Delay 0.25mS
S1
Power Off
S0
VDDA = 2.0V
Sample
Inputs (pins
54,55)
S2
VDD3.3 = Off
Normal
Operation
S3
Enable Outputs
Figure 17. Clock Generator Power-up/Run State Diagram
56-lead Shrunk Small Outline Package O56
51-85062-C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn