Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part No. CY28346
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28346 Datasheet(HTML) 8 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *B
Page 8 of 20
Iout is selectable depending on implementation. The param-
eters above apply to all configurations. Vout is the voltage at
the pin of the device.
The various output current configurations are shown in the
host swing select functions table. For all configurations, the
deviation from the expected output current is ±7% as shown in
the current accuracy table.
USB and DOT 48M Phase Relationship
The 48MUSB and 48MDOT clocks are in phase. It is under-
stood that the difference in edge rate will introduce some
inherent offset. When 3V66_1/VCH clock is configured for
VCH (48-MHz) operation it is also in phase with the USB and
DOT outputs. See Figure 5.
66IN to 66B(0:2) Buffered Prop Delay
The 66IN to 66B(0:2) output delay is shown in Figure 6.
The Tpd is the prop delay from the input pin (66IN) to the
output pins (66B[0:2]). The outputs’ variation of Tpd is
described in the AC parameters section of this data sheet. The
measurement taken at 1.5V.
66B(0:2) to PCI Buffered Clock Skew
Figure 7 shows the difference (skew) between the 3V33(0:5)
outputs when the 66M clocks are connected to 66IN. This
offset is described in the Group Timing Relationship and Toler-
ances section of this data sheet. The measurements were
taken at 1.5V.
3V66 to PCI Un-Buffered Clock Skew
Figure 8 shows the timing relationship between 3V66(0:5) and
PCI(0:6) and PCI_F(0:2) when configured to run in the unbuf-
fered mode.
Table 5. CPU Clock Current Select Function
Mult0
Board Target Trace/Term Z
Reference R, Iref – Vdd (3*Rr)
Output Current
Voh @ Z
050
Rr = 221 1%, Iref = 5.00mA
Ioh = 4*Iref
1.0V @ 50
150
Rr = 475 1%, Iref = 2.32mA
Ioh = 6*Iref
0.7V @ 50
Table 6. Group Timing Relationship and Tolerances
Description
Offset
Tolerance
Conditions
3V66 to PCI
2.5 ns
±1.0 ns
3V66 Leads PCI (unbuffered mode)
48MUSB to 48MDOT Skew
0.0 ns
±1.0 ns
0 degrees phase shift
66B(0:2) to PCI offset
2.5 ns
±1.0 ns
66B Leads PCI (buffered mode)
48MUSB
48MDOT
Figure 5. 48MUSB and 48MDOT Phase Relationship
66IN
66B(0:2)
Tpd
Figure 6. 66IN to 66B(0:2) Output Delay Figure
66B(0:2)
PC I(0:6)
PC IF(0:2)
1.5-
3.5ns
Figure 7. Buffer Mode – 33V66(0:1); 66BUF(0:2) Phase Relationship


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn