Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7422NA Datasheet(PDF) 3 Page - Analog Power

Part # AM7422NA
Description  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7422NA Datasheet(HTML) 3 Page - Analog Power

  AM7422NA Datasheet HTML 1Page - Analog Power AM7422NA Datasheet HTML 2Page - Analog Power AM7422NA Datasheet HTML 3Page - Analog Power AM7422NA Datasheet HTML 4Page - Analog Power AM7422NA Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM7422NA
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.002
0.004
0.006
0
5
10
15
20
25
ID-Drain Current (A)
2V,2.5V,3V,3.5V,4V,4.5V,6V
1.8V
1.5V
0
5
10
15
20
25
0
0.02
0.04
0.06
0.08
0.1
0.12
VDS - Drain-to-Source Voltage (V)
6V,4.5V,4V,
3.5V,3V,
2.5V,2V
1.8V
1.5V
0
0.005
0.01
0.015
0.02
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
10
20
30
0
1
2
3
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
5000
10000
15000
20000
25000
30000
35000
40000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 20A
© Preliminary
3
Publication Order Number:
DS_AM7422NA_1A


Similar Part No. - AM7422NA

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7420N ANALOGPOWER-AM7420N Datasheet
103Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM7421P ANALOGPOWER-AM7421P Datasheet
204Kb / 3P
   P-Channel 20-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM7423 AITSEMI-AM7423 Datasheet
625Kb / 9P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
AM7423J8R AITSEMI-AM7423J8R Datasheet
625Kb / 9P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
AM7423J8VR AITSEMI-AM7423J8VR Datasheet
625Kb / 9P
   P-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Similar Description - AM7422NA

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com