Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68000-56LFC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C68000-56LFC
Description  TX2 USB 2.0 UTMI Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68000-56LFC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68000-56LFC Datasheet HTML 6Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 7Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 8Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 9Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 10Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 11Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 12Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 13Page - Cypress Semiconductor CY7C68000-56LFC Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C68000
PRELIMINARY
Document #: 38-08016 Rev. *E
Page 10 of 14
9.2.2
HS/FS Interface Timing–30 MHz
TCSU_MIN
TCH_MIN
TDSU_MIN
TDH_MIN
TCVO
TCCO
DataIn
DataOut
Control_Out
Control_In
CLK
TCDO
TVSU_MIN
TVH_MIN
Figure 9-2. 30-MHz Timing Interface Timing Constraints
Table 9-2. 30 MHz Timing Interface Timing Constraints Parameters
Parameter
Description
Min.
Typ.
Max.
Unit
Notes
TCSU_MIN
Minimum set-up time for TXValid
20
ns
TCH_MIN
Minimum hold time for TXValid
1
ns
TDSU_MIN
Minimum set-up time for Data (Transmit direction)
20
ns
TDH_MIN
Minimum hold time for Data (Transmit direction)
1
ns
TCCO
Clock to Control Out time for TXReady, RXValid,
RXActive and RXError
120
ns
TCDO
Clock to Data out time (Receive direction)
1
20
ns
TVSU_MIN
Minimum set-up time for ValidH (transmit Direction)
20
ns
TVH_MIN
Minimum hold time for ValidH (Transmit direction)
1
ns
TCVO
Clock to ValidH out time (Receive direction)
1
20
ns


Similar Part No. - CY7C68000-56LFC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000-56LFXC CYPRESS-CY7C68000-56LFXC Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
CY7C68000-56LFXCT CYPRESS-CY7C68000-56LFXCT Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
More results

Similar Description - CY7C68000-56LFC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68000 CYPRESS-CY7C68000_06 Datasheet
333Kb / 14P
   TX2??USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
   MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
   MoBL-USB??TX2 USB 2.0 UTMI Transceiver
logo
GENESYS LOGIC
GL800HT25 GENESYS-GL800HT25 Datasheet
158Kb / 20P
   USB 2.0 UTMI Compliant Transceiver IP Core
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
   Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
logo
SMSC Corporation
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
   Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
   Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
logo
Fairchild Semiconductor
USB1101 FAIRCHILD-USB1101 Datasheet
445Kb / 10P
   USB 2.0 FS Peripheral Transceiver
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
   MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com