Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV031A
Description  3V LVDS Quad CMOS Differential Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV031A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS90LV031A
3V LVDS Quad CMOS Differential Line Driver
General Description
The DS90LV031A is a quad CMOS differential line driver de-
signed for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 400 Mbps (200 MHz) utilizing Low Voltage
Differential Signaling (LVDS) technology.
The DS90LV031A accepts low voltage TTL/CMOS input lev-
els and translates them to low voltage (350 mV) differential
output signals. In addition the driver supports a TRI-STATE®
function that may be used to disable the output stage, dis-
abling the load current, and thus dropping the device to an
ultra low idle power state of 13 mW typical.
The EN and EN* inputs allow active Low or active High con-
trol of the TRI-STATE outputs. The enables are common to
all four drivers. The DS90LV031A and companion line re-
ceiver (DS90LV032A) provide a new alternative to high
power psuedo-ECL devices for high speed point-to-point in-
terface applications.
Features
n >400 Mbps (200 MHz) switching rates
n 0.1 ns typical differential skew
n 0.4 ns maximum differential skew
n 2.0 ns maximum propagation delay
n 3.3V power supply design
n ±350 mV differential signaling
n Low power dissipation (13mW at 3.3V static)
n Interoperable with existing 5V LVDS devices
n Compatible with IEEE 1596.3 SCI LVDS standard
n Compatible with TIA/EIA-644 LVDS standard
n Industrial and Military operating temperature range
n Available in SOIC, TSSOP and Cerpack surface mount
packaging
n Standard Microcircuit Drawing (SMD) 5962-9865201
Connection Diagram
Functional Diagram
Truth Table
DRIVER
Enables
Input
Outputs
EN
EN*
D
IN
D
OUT+
D
OUT−
LH
X
Z
Z
All other combinations of
ENABLE inputs
LL
H
HH
L
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS100095-1
Order Number DS90LV031ATM
or DS90LV031ATMTC
or DS90LV031AW
See NS Package Number M16A or MTC16 or W16A
DS100095-2
July 1999
© 1999 National Semiconductor Corporation
DS100095
www.national.com


Similar Part No. - DS90LV031A

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML-SP TI1-DS90LV031AQML-SP Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031A

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz