Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031A Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV031A
Description  3V LVDS Quad CMOS Differential Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031A Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS90LV031A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 9Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 10Page - National Semiconductor (TI) DS90LV031A Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Applications Information (Continued)
3.
Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V differ-
ential input voltage, the receiver output will remain in a
HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (GND to
2.4V). It is only supported with inputs shorted and no ex-
ternal common-mode voltage applied.
External lower value pull up and pull down resistors (for a
stronger bias) may be used to boost fail-safe in the presence
of higher noise levels. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and
waveform distortion to the driver. The common-mode bias
point should be set to approximately 1.2V (less than 1.75V)
to be compatible with the internal circuitry.
Pin Descriptions
Pin No.
Name
Description
1, 7, 9, 15
D
IN
Driver input pin, TTL/CMOS
compatible
2, 6, 10,
14
D
OUT+
Non-inverting driver output pin,
LVDS levels
3, 5, 11,
13
D
OUT−
Inverting driver output pin, LVDS
levels
4
EN
Active high enable pin, OR-ed
with EN*
12
EN*
Active low enable pin, OR-ed
with EN
16
V
CC
Power supply pin, +3.3V ± 0.3V
8
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M16A
DS90LV031ATM
−40˚C to +85˚C
TSSOP/MTC16
DS90LV031ATMTC
Operating
Package Type/
Order Number
Temperature
Number
-55˚C to +125˚C
Cerpack/W16A DS90LV031AW-QML
DS100095-9
FIGURE 7. Driver Output Levels
DS100095-10
FIGURE 8. Typical DS90LV031A, D
OUT (single ended)
vs R
L,TA = 25˚C
www.national.com
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS90C031LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C031BLVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV032A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn