Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4231V Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C4231V
Description  Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4231V Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C4231V Datasheet HTML 4Page - Cypress Semiconductor CY7C4231V Datasheet HTML 5Page - Cypress Semiconductor CY7C4231V Datasheet HTML 6Page - Cypress Semiconductor CY7C4231V Datasheet HTML 7Page - Cypress Semiconductor CY7C4231V Datasheet HTML 8Page - Cypress Semiconductor CY7C4231V Datasheet HTML 9Page - Cypress Semiconductor CY7C4231V Datasheet HTML 10Page - Cypress Semiconductor CY7C4231V Datasheet HTML 11Page - Cypress Semiconductor CY7C4231V Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C4421V/4201V/4211V/4221V
CY7C4231V/4241V/4251V
Document #: 38-06010 Rev. *A
Page 8 of 17
Switching Characteristics Over the Operating Range
Parameter
Description
7C42X1V-15
7C42X1V-25
7C42X1V-35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
66.7
40
28.6
MHz
tA
Data Access Time
2
11
2
15
2
20
ns
tCLK
Clock Cycle Time
15
25
35
ns
tCLKH
Clock HIGH Time
6
10
14
ns
tCLKL
Clock LOW Time
6
10
14
ns
tDS
Data Set-Up Time
4
6
7
ns
tDH
Data Hold Time
1
2
2
ns
tENS
Enable Set-Up Time
4
6
7
ns
tENH
Enable Hold Time
1
2
2
ns
tRS
Reset Pulse Width[9]
15
25
35
ns
tRSS
Reset Set-Up Time
10
15
20
ns
tRSR
Reset Recovery Time
10
15
20
ns
tRSF
Reset to Flag and Output Time
18
25
35
ns
tOLZ
Output Enable to Output in Low Z[10]
00
0
ns
tOE
Output Enable to Output Valid
3
8
3
12
3
15
ns
tOHZ
Output Enable to Output in High Z[10]
383
12
3
15
ns
tWFF
Write Clock to Full Flag
11
15
20
ns
tREF
Read Clock to Empty Flag
11
15
20
ns
tPAF
Clock to Programmable Almost-Full Flag
16
22
25
ns
tPAE
Clock to Programmable Almost-Full Flag
16
22
25
ns
tSKEW1
Skew Time between Read Clock and Write Clock
for Empty Flag and Full Flag
610
12
ns
tSKEW2
Skew Time between Read Clock and Write Clock
for Almost-Empty Flag and Almost-Full Flag
15
18
20
ns
Notes:
9.
Pulse widths less than minimum values are not allowed.
10. Values guaranteed by design, not currently tested.


Similar Part No. - CY7C4231V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4231V CYPRESS-CY7C4231V Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4231V-15AC CYPRESS-CY7C4231V-15AC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4231V-15JC CYPRESS-CY7C4231V-15JC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4231V-15JXC CYPRESS-CY7C4231V-15JXC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4231V-25AC CYPRESS-CY7C4231V-25AC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4231V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com