Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4211V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4211V
Description  Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4211V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4211V Datasheet HTML 1Page - Cypress Semiconductor CY7C4211V Datasheet HTML 2Page - Cypress Semiconductor CY7C4211V Datasheet HTML 3Page - Cypress Semiconductor CY7C4211V Datasheet HTML 4Page - Cypress Semiconductor CY7C4211V Datasheet HTML 5Page - Cypress Semiconductor CY7C4211V Datasheet HTML 6Page - Cypress Semiconductor CY7C4211V Datasheet HTML 7Page - Cypress Semiconductor CY7C4211V Datasheet HTML 8Page - Cypress Semiconductor CY7C4211V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C4421V/4201V/4211V/4221V
CY7C4231V/4241V/4251V
Document #: 38-06010 Rev. *A
Page 5 of 17
Width Expansion Configuration
Word width may be increased simply by connecting the corre-
sponding input control signals of multiple devices. A
composite flag should be created for each of the end-point
status flags (EF and FF). The partial status flags (PAE and
PAF) can be detected from any one device. Figure 2 demon-
strates a 18-bit word width by using two CY7C42X1Vs. Any
word
width
can
be
attained
by
adding
additional
CY7C42X1Vs.
When the CY7C42X1V is in a Width Expansion Configuration,
the Read Enable (REN2) control input can be grounded (see
Figure 2). In this configuration, the Write Enable 2/Load
(WEN2/LD) pin is set to LOW at Reset so that the pin operates
as a control to load and read the programmable flag offsets.
Flag Operation
The CY7C42X1 devices provide four flag pins to indicate the
condition of the FIFO contents. Empty, Full, PAE, and PAF are
synchronous.
Full Flag
The Full Flag (FF) will go LOW when device is full. Write opera-
tions are inhibited whenever FF is LOW regardless of the state
of WEN1 and WEN2/LD. FF is synchronized to WCLK, i.e., it
is exclusively updated by each rising edge of WCLK.
Empty Flag
The Empty Flag (EF) will go LOW when the device is empty.
Read operations are inhibited whenever EF is LOW,
regardless of the state of REN1 and REN2. EF is synchronized
to RCLK, i.e., it is exclusively updated by each rising edge of
RCLK.
Notes:
2.
n = Empty Offset (n=7 default value).
3.
m = Full Offset (m=7 default value).
Table 2. Status Flags
Number of Words in FIFO
FF
PAF
PAE
EF
CY7C4421V
CY7C4201V
CY7C4211V
000
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
HH
L
H
(n+1) to 32
(n+1) to 128
(n+1) to 256
H
H
H
H
33 to (64
−(m+1))
129 to (256
−(m+1))
257 to (512
−(m+1))
H
H
H
H
(64
−m)[3] to 63
(256
−m)[3] to 255
(512
−m)[3] to 511
H
L
H
H
64
256
512
L
L
H
H
Number of Words in FIFO
FF
PAF
PAE
EF
CY7C4221V
CY7C4231V
CY7C4241V
CY7C4251V
0
000
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
1 to n[2]
HH
L
H
(n+1) to 512
(n+1) to 1024
(n+1) to 2048
(n+1) to 4096
H
H
H
H
513 to (1024
−(m+1)) 1025 to (2048 −(m+1)) 2049 to (4096 −(m+1)) 4097 to (8192 −(m+1))
H
H
H
H
(1024
−m)[3] to 1023
(2048
−m)[3] to 2047
(4096
−m)[3] to 4095
(8192
−m)[3] to 8191
H
L
H
H
1024
2048
4096
8192
L
L
H
H


Similar Part No. - CY7C4211V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4211V CYPRESS-CY7C4211V Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4211V-15AC CYPRESS-CY7C4211V-15AC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4211V-15AI CYPRESS-CY7C4211V-15AI Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4211V-15AXI CYPRESS-CY7C4211V-15AXI Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4211V-15JC CYPRESS-CY7C4211V-15JC Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4211V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com