Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399BL-10VC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1399BL-10VC
Description  32K x 8 3.3V Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BL-10VC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1399BL-10VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 9Page - Cypress Semiconductor CY7C1399BL-10VC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY7C1399B
Document #: 38-05071 Rev. *C
Page 6 of 10
Data Retention Waveform
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Switching Waveforms
Notes:
11. Device is continuously selected. OE, CE = VIL.
12. WE is HIGH for read cycle.
13. Address valid prior to or coincident with CE transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Read Cycle No. 1[11, 12]
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
Read Cycle No. 2[12, 13]


Similar Part No. - CY7C1399BL-10VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BL-12ZC CYPRESS-CY7C1399BL-12ZC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399BL-12ZXC CYPRESS-CY7C1399BL-12ZXC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399BL-15VC CYPRESS-CY7C1399BL-15VC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399BL-15VXC CYPRESS-CY7C1399BL-15VXC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399BL-15ZXC CYPRESS-CY7C1399BL-15ZXC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
More results

Similar Description - CY7C1399BL-10VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com