Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMVA160ADA Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part No. EMVA160ADA
Description  Standard, 85℃
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

EMVA160ADA Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, 85
AlchipTM-
MVA
Series
・φ4 through φ18 case sizes are fully lined up
・Endurance : 2,000 hours at 85℃
・Suitable to fit for downsized equipment
・Solvent resistant type except 100 to 450Vdc (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +85
4 to 450Vdc
±20% (M)
Rated voltage (Vdc)
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
at 85
℃.
Size code
Rated voltage (Vdc)
Capacitance change
≦±30% of the initial value
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value ≦200% of the initial specified value
Leakage current
≦The initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 85℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Size code
Rated voltage
Capacitance change
≦±30% of the initial value
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value ≦200% of the initial specified value
Leakage current
≦The initial specified value
≦The initial specified value
Characteristics
4V
0.42
-
4V
7
17
-
-
6.3V
0.35
0.38
6.3V
4
10
5
12
10V
0.30
0.34
10V
3
8
4
10
16V
0.26
0.30
16V
2
6
3
8
25V
0.16
0.26
25V
2
4
2
5
35V
0.14
0.22
35V
2
3
2
4
50V
0.12
0.18
50V
2
3
2
3
63V
0.12
0.14
63V
2
3
2
3
100V
0.12
0.10
100V
3
4
2
3
160 to 250V
-
0.20
160 to 250V
-
-
3
6
400 & 450V
-
0.25
400 & 450V
-
-
6
10
D55 to JA0
KE0 to MN0
D55 to JA0
KE0 to MN0
I=0.01CV or 3µA, whichever is greater.(after 2 minutes)
I=0.03CV or 4µA, whichever is greater.(after 1 minute)
D55 to JA0
KE0 to MN0
160 to 450V
4 to 100V
-
I=0.04CV+100µA max.(after 1 minute)
D55 to JA0
4V & 6.3V
D55 to JA0
10 to 100V
KE0 to MN0
6.3 to 450V
D55 to JA0
4V & 6.3V
D55 to JA0
10 to 100V
KE0 to MN0
6.3 to 450V
◆DIMENSIONS [mm]
L
±0.3(Note)
0.3max.
Vent
(Except D55 to HA0)
A
±0.2
W
Note : L
±0.5 for HA0 to MN0
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Terminal Code : A
Size code : D55 to MN0
Size code : LH0 to MN0
Terminal Code : G (Vibration resistant structure)
Vent
◆MARKING
7hA
47
16V
EX) 16V47µF
MVA
0V
1000
25V
EX) 25V1,000µF
D55 to JA0
KE0 to HN0
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0
µF:1R0,100µF:101)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,100V:101,450V:451)
Series code
Category
E M V A A A A A A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
3
1
2
1
5
8
1
7
1
6
1
1
1
15
14
Please refer to "Product code guide (surface mount type)"
105
MVA
MVE P70
Size code
D55
E55
F55
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
4
5
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
Size code
Frequency(Hz)
Capacitance(μF)
120
1k
10k 100k
D55 to JA0
1.0
1.00 1.50 1.75 1.80
2.2 to 10
1.00 1.30 1.40 1.50
22 to 1,500
1.00 1.05 1.08 1.08
KE0 to MN0
4.7
1.00 1.75 2.30 2.50
10 to 68
1.00 1.50 1.75 1.80
100 to 1,000
1.00 1.30 1.40 1.50
2,200 to 10,000
1.00 1.05 1.08 1.08
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
The endurance of capacitors is reduced with internal
heating produced by ripple current at the rate of halving
the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the
rms ripple current has to be reduced.
68
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn