Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV028A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV028A
Description  3V LVDS Dual CMOS Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV028A Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Applications Information (Continued)
When choosing cable and connectors for LVDS it is impor-
tant to remember:
Use controlled impedance media. The cables and connec-
tors you use should have a matched differential impedance
of about 100
Ω. They should not introduce major impedance
discontinuities.
Balanced cables (e.g. twisted pair) are usually better than
unbalanced cables (ribbon cable, simple coax) for noise re-
duction and signal quality. Balanced cables tend to generate
less EMI due to field canceling effects and also tend to pick
up electromagnetic radiation a common-mode (not differen-
tial mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to
work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3 (cat-
egory 3) twisted pair cable works well, is readily available
and relatively inexpensive.
Pin Descriptions
Pin No.
Name
Description
1, 4
R
IN-
Inverting receiver input pin
2, 3
R
IN+
Non-inverting receiver input pin
6, 7
R
OUT
Receiver output pin
8V
CC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M08A
DS90LV028ATM
Typical Performance Curves
Output High Voltage vs
Power Supply Voltage
DS100077-7
Output Low Voltage vs
Power Supply Voltage
DS100077-8
Output Short Circuit Current vs
Power Supply Voltage
DS100077-9
Differential Transition Voltage vs
Power Supply Voltage
DS100077-10
5
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS90LV018A3V LVDS Single CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV032A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV048A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS78C120Dual CMOS Compatible Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS78C20Dual CMOS Compatible Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS88C120Dual CMOS Compatible Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS90C032-X-RHLVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C032LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C032BLVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV012A3V LVDS Single CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn