Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFX8051 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # RFX8051
Description  CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX8051 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  RFX8051 Datasheet HTML 1Page - Skyworks Solutions Inc. RFX8051 Datasheet HTML 2Page - Skyworks Solutions Inc. RFX8051 Datasheet HTML 3Page - Skyworks Solutions Inc. RFX8051 Datasheet HTML 4Page - Skyworks Solutions Inc. RFX8051 Datasheet HTML 5Page - Skyworks Solutions Inc. RFX8051 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX8051
Production Data Sheet
PIN ASSIGNMENTS:
Pin Number
Pin Name
Description
1, 3, 9, 11
NC
Internally Not Connected
2
RX
RF Output Port from LNA or Bypass
– DC Shorted to GND
4, 10
VDD
DC Supply Voltage
5
DET
Analog Voltage Proportional to the PA Power Output
6
TXEN
CMOS Input to Control TX Enable
7, 12, 14, 17
GND
Ground
– Must Be Connected to GND in the Application Circuit
8
TX
RF Input Port from the Transceiver
– DC Shorted to GND
13
ANT
Antenna Port RF Signal from the PA or RF Signal Applied to the LNA
– DC
Shorted to GND
15
RXEN
CMOS Input to Control RX Enable
16
LEN
CMOS Input to Control LNA Enable or Bypass Mode
PIN-OUT DIAGRAM:
16
5
15
14
13
6
7
8
9
10
11
12
NC
RX
NC
VDD
DET
GND
LEN
GND
NC
VDD
NC
TXEN
RXEN
ANT
GND
TX
17
GND
(Top
“See-Through” View)


Similar Part No. - RFX8051

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8051B SKYWORKS-RFX8051B Datasheet
475Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
More results

Similar Description - RFX8051

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8050W SKYWORKS-RFX8050W Datasheet
600Kb / 8P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8051B SKYWORKS-RFX8051B Datasheet
475Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8425 SKYWORKS-RFX8425 Datasheet
555Kb / 5P
   2.4GHZ CMOS WLAN / BT DUAL-MODE RFEIC WITH PA, LNA & SP3T
RFX8422S SKYWORKS-RFX8422S Datasheet
611Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX8422 SKYWORKS-RFX8422 Datasheet
640Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
   CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com