Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFX8050W Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # RFX8050W
Description  CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX8050W Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

  RFX8050W Datasheet HTML 1Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 2Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 3Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 4Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 5Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 6Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 7Page - Skyworks Solutions Inc. RFX8050W Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX8050W
Production Data Sheet
“X” denotes the don’t care state
1KΩ – 10KΩ series resistor may be required for each control line
PACKAGE DIMENSIONS (All Dimensions in mm):
PCB LAND PATTERN
PACKAGE MARKING
8050W
LLL.L
UCYWW
First Line:
Part Number
Second Line:
Lot Number
Third Line:
Date Code
Pin 1 Mark
3.0mm
2.5mm
1.6mm x
1.6mm
0.45mm
0.5mm
0.2mm
0.25mm


Similar Part No. - RFX8050W

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
More results

Similar Description - RFX8050W

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8051 SKYWORKS-RFX8051 Datasheet
568Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8051B SKYWORKS-RFX8051B Datasheet
475Kb / 6P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
RFX8425 SKYWORKS-RFX8425 Datasheet
555Kb / 5P
   2.4GHZ CMOS WLAN / BT DUAL-MODE RFEIC WITH PA, LNA & SP3T
RFX8422S SKYWORKS-RFX8422S Datasheet
611Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX8422 SKYWORKS-RFX8422 Datasheet
640Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
   CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com