Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMHB101ARA Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMHB101ARA
Description  High heat resistance, 125?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMHB101ARA Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMHB101ARA Datasheet HTML 1Page - United Chemi-Con, Inc. EMHB101ARA Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High heat resistance, 125
AIchipTM-
MHB
Series
・ESR : Less than MVH
・Endurance : 1,500 to 3,000 hours at 125℃
・Rated voltage range : 10 to 100V
・Nominal capacitance range : 47 to 3,300μF
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・Vibration resistant structure
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Endurance
Items
-40 to +125
HA0 & JA0
10 to 100Vdc
±20%(M)
I=0.01CV
KE0 to MN0 I=0.03CV
HA0 & JA0
KE0 to MN0
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated Voltage (Vdc)
tanδ(Max.)
HA0 & JA0
KE0 to MN0
HA0 & JA0
KE0 to MN0
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
Rated Voltage (Vdc)
Z(-40
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
Z(-25
℃)/Z(+20℃)
Z(-25
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied
for 2,000 hours at 125
℃.
.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
Time
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the
rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 125
℃.
Capacitance change
≦±30% of the initial value
KE0 & KG5
:1,500hours
LH0 & MH0
:2,000hours
KN0 & LN0 & MN0
:3,000hours
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
10V
0.24
4
16V
0.20
3
25V
0.16
0.14
3
4
35V
0.14
0.12
3
4
50V
0.10
4
63V
0.10
4
80V
0.08
4
100V
10V
16V
25V
35V
50V
63V
80V 100V
0.08
2
2
2
2
2
2
3
2
2
2
4
Low Temperature
Characteristics
(Max. impedance Ratio)
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
L
±0.5
0.3max.
A
±0.2
W
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Size code : HA0 to MN0
Terminal Code : G(Vibration resistant structure)
Size code : HA0 to MN0
Terminal Code : A
Vent
(Except HA0)
Vent
(Except HA0)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47
µF:470,100µF:101)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 35V:350,100V:101)
Series code
Category
E M H B A A A A D A A A A
A A A G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
Upgrade!
MHB
Lower ESR
MVH P94
Size code
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
φD
8
10
12.5
12.5
16
16
18
18
L
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
3.1
4.5
4.2
4.2
KN0
12.5 21.5 13.0 13.0 13.7 1.0 to 1.3 4.2
6.5
6.5
6.5
6.5
◆MARKING
EX) 16V220
µF
KE0 to MN0
HA0, JA0
MHB
2A
1000
35V
EX) 35V1,000
µF
CHB
Rated voltage symbol (HA0, JA0)
Rated voltage (Vdc)
Symbol
10
A
16
C
25
E
35
V
5J
220
98
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMHB101ARA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMHB100ADA331MHA0G ETC-EMHB100ADA331MHA0G Datasheet
39Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMHB100ADA471MJA0G ETC-EMHB100ADA471MJA0G Datasheet
39Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMHB101ARA

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMHB630ARA CHEMI-CON-EMHB630ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ250ADA CHEMI-CON-EMHJ250ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB800ARA CHEMI-CON-EMHB800ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHJ100ADA CHEMI-CON-EMHJ100ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ160ADA CHEMI-CON-EMHJ160ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ350ADA CHEMI-CON-EMHJ350ADA Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHB350ADA CHEMI-CON-EMHB350ADA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMHB500ARA CHEMI-CON-EMHB500ARA Datasheet
400Kb / 2P
   High heat resistance, 125?
EMVH500ARA101MKE0S CHEMI-CON-EMVH500ARA101MKE0S Datasheet
66Kb / 2P
   High heat resistance, 125C
logo
Hirose Electric
FH75 HIROSE-FH75 Datasheet
529Kb / 1P
   Two-Point Contact, 125℃ Heat Resistance, FPC/FFC Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com