Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFX2401C Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. RFX2401C
Description  CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX2401C Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button RFX2401C Datasheet HTML 2Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 3Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 4Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 5Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 6Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 7Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 8Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 9Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX2401C
Production Data Sheet
APPLICATION CIRCUIT GUIDELINES
GND
NC
1
2
3
4
12
11
10
9
15
16
14
13
5
6
7
8
GND
17
GND
GND
GND
GND
DNC
NC
VDD
VDD
NC
TXRX
NC
ANT
RXEN
TXEN
Transceiver
TXRX
TXEN
50 OHM
.
Central Ground Pad
Use thermal vias to
Assure efficient heat
dissipation
RF Port is at DC GND potential!
If the Transceiver TXRX port has DC present,
use a capacitor to block this voltage from
reaching the RFX2401C.
Locate bypass capacitor as
Close to the ground pad as
Possible. Use 2 ground vias.
Antenna Port is at DC GND
potential!
If the Antenna circuits have DC present, use
a capacitor to block this voltage from reaching
the RFX2401C.
50 OHM
3.3V
1K
1K
RXEN
NC Pins 1, 7, 12, and 15
May be left open
or connected to GND
VDD pin 14
Optional VDD pin, internally
connected to pin 16
PCB LAND PATTERN
3.5mm
3.0mm
1.7 mm x
1.7mm
0.65mm
0.5mm
0.25mm
0.25mm


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn