Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFX2401C Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. RFX2401C
Description  CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX2401C Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  RFX2401C Datasheet HTML 1Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 2Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 3Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 4Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 5Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 6Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 7Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 8Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX2401C
Production Data Sheet
STANDBY MODE TECHNICAL PARAMTERS:
Parameters
Units
Min
Typ
Max
Conditions
DC Shutdown Current
μA
1
TXRX-ANT Insertion Loss (S21)
dB
-50
Pin < -20dBm
ANT-TXRX Insertion Loss (S21)
dB
-50
Return Loss (S11)
dB
-1.5
From TXRX Port
Transmit-Receive Switching Time
nsec
800
Shut-
Down and “ON” State Switching Time
nsec
800
CONTROL LOGIC TRUTH TABLE
Note:
“1” denotes high voltage state (> 1.2V)
“0” denotes low voltage stage (<0.3V) at Control Pins
“X” denotes do not care: either “1” or “0” can be applied
TXEN
RXEN
Operating Conditions
1
X
TX Active
0
1
RX Active
0
0
Chip is Shut-down


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn