Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFX2401C Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part No. RFX2401C
Description  CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX2401C Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  RFX2401C Datasheet HTML 1Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 2Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 3Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 4Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 5Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 6Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 7Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 8Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX2401C
Production Data Sheet
TRANSMIT TECHNICAL PARAMETERS (VDD=3.3V; T=+25
oC)
Parameters
Units
Min
Typ
Max
Conditions
Operating Frequency Band
GHz
2.4
2.525
All RF Pins Terminated by 50 Ohm
Saturated Output Power
dBm
+22
Small-Signal Gain
dB
25
Second Harmonic
dBm/MHz
-10
POUT = +20dBm, IEEE 802.15.4
OQPSK modulation signal
Third Harmonic
dBm/MHz
-20
POUT = +20dBm, IEEE 802.15.4
OQPSK modulation signal
Input Return Loss
dB
-10
Output Return Loss
dB
-6
Input / Output Impedance Single-Ended
Ohm
50
TX Quiescent Current
mA
17
No RF Applied
TX High Power Current
mA
90
POUT = +20dBm
Load VSWR for Stability (Pout=+20dBm)
N/A
6:1
All Non-Harmonically Related Spurs
Less than -43dBm/MHz
Load VSWR for Ruggedness
(Pout=+20dBm)
N/A
10:1
No Damage
RECEIVE TECHNICAL PARAMETERS (VDD=3.3V; T=+25
oC)
Parameters
Units
Min
Typ
Max
Conditions
Operating Frequency Band
GHz
2.4
2.525
All RF Pins Terminated by 50 Ohm
Gain
dB
12
Noise Figure
dB
2.5
Input Return Loss
dB
-10
Output Return Loss
dB
-12
RF Port Impedance
Ohm
50
RX Quiescent Current
mA
8
No RF Applied
Input P1dB
dBm
-8
At ANT Pin


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn