Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RFX2401C Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. RFX2401C
Description  CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX2401C Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  RFX2401C Datasheet HTML 1Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 2Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 3Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 4Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 5Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 6Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 7Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 8Page - Skyworks Solutions Inc. RFX2401C Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX2401C
Production Data Sheet
ABSOLUTE MAXIMUM RATINGS:
Parameters
Units
Min
Max
Conditions
DC VDD Voltage Supply
V
0
4.0
DC Control Pin Voltage
V
0
3.6
Through 1Kohm resistor
DC VDD Current Consumption
mA
350
Through VDD
Pins when TX is “ON”
DC Control Pin Current
Consumption
μA
1
TX RF Input Power
dBm
+5
All Operating Modes
ANT RF Input Power
dBm
+5
When
RX is “ON”
Junction Temperature
°C
150
Storage Ambient Temperature
oC
-50
+150
No RF and DC Voltages Applied
Appropriate care required according to
JEDEC Standards
Note1: Sustained operation at or above the Absolute Maximum Ratings for any one or combinations of the above parameters may
result in permanent damage to the device and is not recommended. All Maximum RF Input Power Ratings assume 50-Ohm terminal
impedance.
RECOMENDED OPERATING CONDITIONS:
Parameters
Units
Min
Typ
Max
Conditions
DC VDD Voltage Supply
V
2.0
3.3
3.6
All VDD Pins
Control Voltage “High”
V
1.2
VDD
Through 1Kohm resistor
Control Voltage “Low”
V
0
0.3
Operating Ambient Temperature
oC
-40
+125
See note 2
ja
oC/W
35
Note2: For operation above +85
oC, use the
ja as guidance for system design to assure the junction temperature will
not exceed the maximum of +150
oC.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn