Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPR50-11012S-B Datasheet(PDF) 1 Page - Recom International Power

Part # RPR50-11012S-B
Description  50 Watt 4:1 Baseplate Style Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR50-11012S-B Datasheet(HTML) 1 Page - Recom International Power

  RPR50-11012S-B Datasheet HTML 1Page - Recom International Power RPR50-11012S-B Datasheet HTML 2Page - Recom International Power RPR50-11012S-B Datasheet HTML 3Page - Recom International Power RPR50-11012S-B Datasheet HTML 4Page - Recom International Power RPR50-11012S-B Datasheet HTML 5Page - Recom International Power RPR50-11012S-B Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
40VDC
110VDC
160VDC
Transient Input Voltage
≤100ms
180VDC
Inrush Current
with EMC Filter
without EMC Filter
50A
40A
Under- Voltage Lockout
DC-DC ON
DC-DC OFF
39VDC
36VDC
Remote ON/OFF
Remote OFF Input Voltage
ON / high logic
OFF / low logic
nominal input
Open, 8V
Short, 0V
5mA
60V
1.2V
Start Up Time
when use CTRL function
5ms
20ms
Operating Frequency Range
220kHz
260kHz
300kHz
Efficiency
typ. Vin, full load
87%
88%
Minimum Load
0%
Output Ripple and Noise
20MHz limited, 1µF output MLCC
120mVp-p
180mVp-p
Efficiency vs. Input Voltage
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RPR-1
REV.: 2/2016
www.recom-power.com
50 Watt 4:1
2“ x 1.6“
Baseplate Style
Single Output
5 YEAR
warranty
5
0
35
30
40
45
50
55
60
10 20
30
40
50
60 70
80 90 100
Load (%)
40
40
50
60
70
80
90
100
60
70
80 100 110 120 130 140 160
Input Voltage (V)
10
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90 100
160Vin
40Vin
110Vin
Load (%)
0
35
30
40
45
50
55
60
10 20
30
40
50
60 70
80 90 100
Load (%)
40
40
50
60
70
80
90
100
60
70
80 100 110 120 130 140 160
Input Voltage (V)
10
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90 100
160Vin
40Vin
110Vin
Load (%)
Efficiency vs. Load
Selection Guide
Part
Input
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Current
Voltage
Current
typ.
Load
(V)
(mA)
(V)
(mA)
(%)
(µF)
RPR50-11012S-B
40-160
510
12
4170
88
1000
Description
The RPR50 series DC/DC converters are designed for railway rolling stock applications. Besides covering all
the input voltages from 40VDC up to 160VDC, the converters have a very wide operating temperature range
of -45°C to +115°C. The RPR50 has a baseplate case for high vibration or bulkhead-mounting applications.
It is EN-50155 and EN-50121-3-2 certified.
Features
ICE
Technology*
• +115°C Maximum Case Temperature
• -45°C Minimum Case Temperature
• Built-in EMC Filter
• Baseplate Case Style
• 2250VDC Isolation
• Wide 4:1 Input Voltage Range
• EN-50155 and EN-50121-3-2 Certified
RPR50-11012S-B
* ICE Technology
ICE (Innovation in Converter Excellence)
uses state-of-the-art techniques to minimise
internal power dissipation and to increase
the internal temperature limits to extend the
ambient operating temperature range to the
maximum.
EN-50155 Certified
EN-60950-1 Certified
Notes:
Note1:
Typical values at nominal input voltage and full load.


Similar Part No. - RPR50-11012S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11012S RECOM-RPR50-11012S Datasheet
196Kb / 6P
   50 Watt Single & Dual Output
More results

Similar Description - RPR50-11012S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPP40-2405SW RECOM-RPP40-2405SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP40-2412SW RECOM-RPP40-2412SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP30-2412S RECOM-RPP30-2412S Datasheet
685Kb / 6P
   30 Watt 2:1 Ribbed Style Single Output
RPP30-2405S RECOM-RPP30-2405S Datasheet
684Kb / 5P
   30 Watt 2:1 Ribbed Style Single Output
logo
CINCON ELECTRONICS Corp...
CQE50W CINCON-CQE50W Datasheet
545Kb / 2P
   50 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com