Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5525 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5525 Datasheet HTML 1Page - Cirrus Logic CS5525 Datasheet HTML 2Page - Cirrus Logic CS5525 Datasheet HTML 3Page - Cirrus Logic CS5525 Datasheet HTML 4Page - Cirrus Logic CS5525 Datasheet HTML 5Page - Cirrus Logic CS5525 Datasheet HTML 6Page - Cirrus Logic CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CS5525 CS5526
DS202F3
3
ANALOG CHARACTERISTICS (Continued)
Notes: 9. The minimum Full Scale Calibration Range (FSCR) is limited by the maximum allowed gain register
value (with margin). The maximum FSCR is limited by the
∆Σ modulator’s 1’s density range.
10. The maximum full scale signal can be limited by saturation of circuitry within the internal signal path.
11. All outputs unloaded. All input CMOS levels.
Parameter
Min
Typ
Max
Unit
Analog Input
Common Mode + Signal on AIN+ or AIN-
Bipolar/Unipolar Mode
NBV = -1.8 to -2.5 V
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
NBV = AGND
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
-0.150
NBV
1.85
0.0
-
-
-
-
0.950
VA+
2.65
VA+
V
V
V
V
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
10
-
pF
CVF Current on AIN+ or AIN-
(Note 5)
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
-
-
100
1.2
300
-
pA
µA/V
System Calibration Specifications
Full Scale Calibration Range
Bipolar/Unipolar Mode (Note 9)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
17.5
38.5
70
0.70
1.75
3.50
-
-
-
-
-
-
32.5
71.5
105
1.30
3.25
VA+
mV
mV
mV
V
V
V
Offset Calibration Range
Bipolar/Unipolar Mode
25 mV
55 mV
100 mV
(Note 10)
1 V
2.5 V
5 V
-
-
-
-
-
-
-
-
-
-
-
-
±12.5
±27.5
±50
±0.5
±1.25
±2.50
mV
mV
mV
V
V
V
Power Supplies
DC Power Supply Currents (Normal Mode)
IA+
ID+
INBV
-
-
-
1.65
15
475
2.2
30
700
mA
µA
µA
Power Consumption
Normal Mode
(Note 11)
Low Power Mode
Standby
Sleep
-
-
-
-
9.4
4.9
1.2
500
12.7
8.5
-
-
mW
mW
mW
µW
Power Supply Rejection
dc Positive Supplies
dc NBV
-
-
95
110
-
-
dB
dB


Similar Part No. - CS5525

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525-AS CIRRUS-CS5525-AS Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
List of Unclassifed Man...
CS5525-AS ETC2-CS5525-AS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS5525-ASZ CIRRUS-CS5525-ASZ Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
More results

Similar Description - CS5525

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5529 CIRRUS-CS5529_05 Datasheet
540Kb / 31P
   16-bit, Programmable ?誇 ADC with 6-bit Latch
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
[Old version datasheet]   16-Bit Latch
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
National Semiconductor ...
54LS375 NSC-54LS375 Datasheet
75Kb / 3P
   4-Bit Latch
DM74LS375 NSC-DM74LS375 Datasheet
103Kb / 6P
   4-Bit Latch
logo
Linear Technology
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com