Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-4812DGW Datasheet(PDF) 5 Page - Recom International Power

Part # RP40-4812DGW
Description  40 Watt Single, Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4812DGW Datasheet(HTML) 5 Page - Recom International Power

  RP40-4812DGW Datasheet HTML 1Page - Recom International Power RP40-4812DGW Datasheet HTML 2Page - Recom International Power RP40-4812DGW Datasheet HTML 3Page - Recom International Power RP40-4812DGW Datasheet HTML 4Page - Recom International Power RP40-4812DGW Datasheet HTML 5Page - Recom International Power RP40-4812DGW Datasheet HTML 6Page - Recom International Power RP40-4812DGW Datasheet HTML 7Page - Recom International Power RP40-4812DGW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-GW
Series
PD-5
REV.: 1/2016
www.recom-power.com
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
30.30
30.60
30.90
31.20
31.50
31.80
32.10
32.40
32.70
33.00
Volts
R
U =
268.29
120.64
71.43
46.82
32.06
22.21
15.10
9.91
5.81
2.53
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
29.70
29.40
29.10
28.80
28.50
28.20
27.90
27.60
27.30
27.00
Volts
R
D =
337.71
152.02
90.13
59.18
40.61
28.23
19.39
12.76
7.60
3.47
KOhms
RP40-xx15DGW
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.9VDC
6.2VDC
15VDC
18VDC
Over Temperature Protection (OTP)
110°C typ.
Over Load Protection (OLP)
% of Iout rated
150% max.
Isolation Voltage
I/O to O/P
I/O (O/P) to Case
1.6kVDC/ 1 minute
1.6kVDC/ 1 minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
2500pF max.
Notes:
Note12: This power module is not internally fused. An input line fuse must always be used.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +57°C
-40°C to +105°C
Maximum Case Temperature
+105°C max.
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
natural convection (20LFM) without Heat-sink
natural convection (20LFM) with Heat-sink
9.2°C/Watt
7.6°C/Watt
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcore TR-NWT-000332(13)
6617 x 102 hours
1105 x 103 hours
continued on next page


Similar Part No. - RP40-4812DGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4812DGW RECOM-RP40-4812DGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
RP40-4812DGWN RECOM-RP40-4812DGWN Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
More results

Similar Description - RP40-4812DGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com