Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM90P20-170B Datasheet(PDF) 1 Page - Analog Power

Part No. AM90P20-170B
Description  P-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P20-170B Datasheet(HTML) 1 Page - Analog Power

  AM90P20-170B Datasheet HTML 1Page - Analog Power AM90P20-170B Datasheet HTML 2Page - Analog Power AM90P20-170B Datasheet HTML 3Page - Analog Power AM90P20-170B Datasheet HTML 4Page - Analog Power AM90P20-170B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM90P20-170B
P-Channel 200-V (D-S) MOSFET
VDS (V)
ID (A)
-34
-32
Symbol
Limit
Units
VDS
-200
VGS
±20
Continuous Drain Current
TC=25°C
ID
-34
IDM
-150
Continuous Source Current (Diode Conduction)
TC=25°C
IS
-34
A
Power Dissipation
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
A
PRODUCT SUMMARY
-200
rDS(on) (mΩ)
170 @ VGS = -10V
200 @ VGS = -5.5V
Maximum Junction-to-Ambient
Maximum Junction-to-Case
Gate-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM90P20-170B_1A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn