Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM90P20-170B Datasheet(PDF) 3 Page - Analog Power

Part # AM90P20-170B
Description  P-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P20-170B Datasheet(HTML) 3 Page - Analog Power

  AM90P20-170B Datasheet HTML 1Page - Analog Power AM90P20-170B Datasheet HTML 2Page - Analog Power AM90P20-170B Datasheet HTML 3Page - Analog Power AM90P20-170B Datasheet HTML 4Page - Analog Power AM90P20-170B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM90P20-170B
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.1
0.2
0.3
0.4
0
5
10
15
20
ID-Drain Current (A)
5V
5.5V,6V,8V,10V
4.5V
0
5
10
15
20
0
1
2
3
4
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,5.5V
4.5V
5V
0
0.2
0.4
0.6
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
5
10
15
0
2
4
6
8
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
2000
4000
6000
8000
10000
12000
14000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = -10A
© Preliminary
3
Publication Order Number:
DS_AM90P20-170B_1A


Similar Part No. - AM90P20-170B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90P02-02P ANALOGPOWER-AM90P02-02P Datasheet
400Kb / 5P
   P-Channel 20-V (D-S) MOSFET
AM90P02-05P ANALOGPOWER-AM90P02-05P Datasheet
400Kb / 5P
   P-Channel 20-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
   P-Channel 30-V (D-S) MOSFET
AM90P03-03P ANALOGPOWER-AM90P03-03P Datasheet
314Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM90P20-170B

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com