Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1635-600G Datasheet(PDF) 9 Page - STMicroelectronics

Part # T1635-600G
Description  16A TRIACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635-600G Datasheet(HTML) 9 Page - STMicroelectronics

  T1635-600G Datasheet HTML 1Page - STMicroelectronics T1635-600G Datasheet HTML 2Page - STMicroelectronics T1635-600G Datasheet HTML 3Page - STMicroelectronics T1635-600G Datasheet HTML 4Page - STMicroelectronics T1635-600G Datasheet HTML 5Page - STMicroelectronics T1635-600G Datasheet HTML 6Page - STMicroelectronics T1635-600G Datasheet HTML 7Page - STMicroelectronics T1635-600G Datasheet HTML 8Page - STMicroelectronics T1635-600G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BTA16, BTB16 and T16 Series
9/9
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2006 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - T1635-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
   HIGH PERFORMANCE TRIAC
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Inchange Semiconductor ...
T1635-600G ISC-T1635-600G Datasheet
215Kb / 1P
   isc Triacs
logo
STMicroelectronics
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Similar Description - T1635-600G

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com