Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4316PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4316PWR
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4316PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4316PWR Datasheet HTML 3Page - Texas Instruments CD74HC4316PWR Datasheet HTML 4Page - Texas Instruments CD74HC4316PWR Datasheet HTML 5Page - Texas Instruments CD74HC4316PWR Datasheet HTML 6Page - Texas Instruments CD74HC4316PWR Datasheet HTML 7Page - Texas Instruments CD74HC4316PWR Datasheet HTML 8Page - Texas Instruments CD74HC4316PWR Datasheet HTML 9Page - Texas Instruments CD74HC4316PWR Datasheet HTML 10Page - Texas Instruments CD74HC4316PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Total Harmonic Distortion
1kHz, VIS = 4VP-P
(Figure 10)
4.5
0.078
0.078
%
1kHz, VIS = 8VP-P
(Figure 10)
9
0.018
0.018
%
Control to Switch Feedthrough Noise
Figure 11
4.5
TBE
TBE
mV
9
TBE
TBE
mV
Switch “OFF” Signal Feedthrough (Figure 7)
Figure 12 (Notes 6, 7)
4.5
-62
-62
dB
Switch Input Capacitance, CS
--
5
5
pF
NOTES:
5. Adjust input level for 0dBm at output, f = 1MHz.
6. VIS is centered at VCC/2.
7. Adjust input for 0dBm at VIS.
Analog Channel Specifications TA = 25oC (Continued)
PARAMETER
TEST
CONDITIONS
VCC (V)
HC4316
CD74HCT4316
UNITS
Typical Performance Curves
FIGURE 4. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 5. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 6. SWITCH FREQUENCY RESPONSE
FIGURE 7. SWITCH-OFF SIGNAL FEEDTHROUGH AND
CROSSTALK vs FREQUENCY
110
100
90
80
70
60
50
40
30
20
10
01
23
45
4.5
INPUT SIGNAL VOLTAGE, VIS (V)
6
VCC = 6V, VEE = 0V
VCC = 4.5V, VEE = 0V
50
45
40
35
30
25
20
15
10
-4.5
-3.5
-2.5
-1.5
-0.5
1.5
0.5
INPUT SIGNAL VOLTAGE, VIS (V)
2.5
VCC = 4.5V, VEE = 4.5V
3.5
4.5
5
0
60
0
-1
-2
-3
-4
10K
100K
1M
10M
100M
FREQUENCY (f), Hz
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
CL = 10pF
VCC = 9V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
0
-20
-40
-60
-80
10K
100K
1M
10M
100M
FREQUENCY (f), Hz
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
CL = 10pF
VCC = 9V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
-100
CD54HC4316, CD74HC4316, CD74HCT4316
CD54HC4316, CD74HC4316, CD74HCT4316


Similar Part No. - CD74HC4316PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316PWR TI-CD74HC4316PWR Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWR TI-CD74HC4316PWR Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWR TI-CD74HC4316PWR Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWR TI1-CD74HC4316PWR Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWRE4 TI-CD74HC4316PWRE4 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com