Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5ZC82 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # FP5ZC82
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FP5ZC82 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  FP5ZC82 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC82 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC82 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC82 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC82 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FP5ZC8V2 thru FP5ZC200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:0.5W
www.goodark.com
2/5
2014.12-Rev.B
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
current
Reverse
current
Reverse
voltage
IZT
ZZK
IZK
IR(M )
VR
Part
Number
Marking
Code
Zener voltage
Dynamic
resistance
Temp
Coefficient
of
zener voltage,
TKvz
VZ /V
IZT
ZZK
IZK
IR(Max)
VR
Vz(MIN) Vz(NOR) Vz(MAX)
m A
m A
µAdc
V
%/k
FP5ZC15
5F
13.8
15
15.6
5
40
5
5
11
0.03...0.11
FP5ZC16
5H
15.3
16
17.1
5
40
5
5
12
0.03...0.11
FP5ZC18
5J
16.8
18
19.1
5
45
5
5
13
0.03...0.11
FP5ZC20
5K
18.8
20
21.2
5
50
5
5
15
0.03...0.11
FP5ZC22
5M
20.8
22
23.3
5
55
5
5
17
0.04...0.12
Number
Code
TKvz
VZ /V
FP5ZC22
5M
20.8
22
23.3
5
55
5
5
17
0.04...0.12
FP5ZC24
5N
22.8
24
25.6
5
60
5
5
19
0.04...0.12
FP5ZC27
5P
25.1
27
28.9
5
70
2
5
21
0.04...0.12
FP5ZC30
5R
28
30
32
5
80
2
5
23
0.04...0.12
FP5ZC33
5X
31
33
35
5
80
2
5
25
0.04...0.12
FP5ZC36
5Y
34
36
38
5
90
2
5
27
0.04...0.12
FP5ZC39
5Z
37
39
41
2.5
100
2
5
30
0.04...0.12
FP5ZC43
6A
40
43
46
2.5
130
2
5
33
0.04...0.12
FP5ZC47
6B
44
47
50
2.5
150
2
5
36
0.04...0.12
FP5ZC51
6C
48
51
54
2.5
180
2
5
39
0.04...0.12
FP5ZC56
6D
52
56
60
2.5
180
2
5
43
0.04...0.12
FP5ZC62
6E
58
62
66
2.5
200
2
5
47
0.04...0.12
FP5ZC68
6F
64
68
72
2.5
250
2
5
52
0.04...0.12
FP5ZC75
6H
70
75
79
25
300
2
5
57
004 0 12
FP5ZC75
6H
70
75
79
2.5
300
2
557
0.04...0.12
FP5ZC82
6J
77
82
87
2.5
300
2
5
63
0.05...0.12
FP5ZC91
6K
85
91
96
1
700
1
5
69
0.05...0.12
FP5ZC100
6M
94
100
106
1
700
1
5
76
0.05...0.12
FP5ZC110
6N
104
110
116
1
800
1
5
84
0.05...0.12
FP5ZC120
6P
114
120
127
1
900
1
5
91
0.05...0.12
FP5ZC130
6R123.5
130
136.5
1.9
700
0.25
5
98.8
0.05...0.12
FP5ZC130
6R
123.5
130
136.5
1.9
700
0.25
5
98.8
0.05...0.12
FP5ZC150
6X
142.5
150
157.5
1.7
1000 0.25
5
114
0.05...0.12
FP5ZC160
6Y
152
160
168
1.6
1100 0.25
5
121.6
0.05...0.12
FP5ZC170
6Z
161
170
179
1.5
1100 0.25
5
127.2
0.05...0.12
FP5ZC180
7A
171
180
189
1.4
1200 0.25
5
136.8
0.05...0.12
FP5ZC200
7B
190
200
210
1.2
1900 0.25
5
152
0.05...0.12
www.goodark.com
2/5
2014.12-Rev.B


Similar Part No. - FP5ZC82

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
More results

Similar Description - FP5ZC82

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com