Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5ZC43 Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # FP5ZC43
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FP5ZC43 Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  FP5ZC43 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC43 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC43 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC43 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC43 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FP5ZC8V2 thru FP5ZC200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:0.5W
www.goodark.com
5/5
2014.12-Rev.B
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer’s application; they do not convey any
license under any intellectual property rights or any other rights belonging to Suzhou Good-
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party’s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd.
without notice due to product improvements or other reasons. It is therefore recommended
that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou
Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a product
listed herein
The information described here may contain technical inaccuracies or
listed herein. The information described here may contain technical inaccuracies or
typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for
any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay
attention to information published by Suzhou Good-Ark Electronics Co., Ltd. by various
means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and
products. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability or other loss resulting from the information contained herein.
Th
i
itt
l f Sh
G
dAk El
t
i
C
Ltd i
t
it
Theprior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint
or reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
5/5
2014.12-Rev.B


Similar Part No. - FP5ZC43

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
More results

Similar Description - FP5ZC43

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com