Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5ZC8V2 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # FP5ZC8V2
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FP5ZC8V2 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  FP5ZC8V2 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC8V2 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC8V2 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC8V2 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC8V2 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FP5ZC8V2 thru FP5ZC200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:0.5W
www.goodark.com
4/5
2014.12-Rev.B
Package Outline Dimensions
in inches (millimeters)
DIM
MIN
MAX
MIN
MAX
Unit: inch
Unit: mm
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
35
39
0138
0154
Soldering  footprint
HE
3.5
3.9
0.138
0.154
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
www.goodark.com
4/5
2014.12-Rev.B


Similar Part No. - FP5ZC8V2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
More results

Similar Description - FP5ZC8V2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com