Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1N5924 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # F1N5924
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N5924 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  F1N5924 Datasheet HTML 1Page - GOOD-ARK Electronics F1N5924 Datasheet HTML 2Page - GOOD-ARK Electronics F1N5924 Datasheet HTML 3Page - GOOD-ARK Electronics F1N5924 Datasheet HTML 4Page - GOOD-ARK Electronics F1N5924 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
F1N5923 thru F1N5956
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1.5W
www.goodark.com
2/5
2014.12-Rev.B
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
IZT
ZZT
IZK
ZZK
IR(Max)
VR
IZM
Vz(MIN)
Vz(MAX)
mA
mA
µAdc
V
mA
Part Number
Zener voltage
VZ /V
Vz(MIN)
Vz(MAX)
m A
m A
µAdc
V
m A
F1N5930
15.2
16.8
23.4
10
0.25
600
1
12.2
93
F1N5931
17.1
18.9
20.8
12
0.25
650
1
13.7
83
F1N5932
19
21
18.7
14
0.25
650
1
15.2
75
F1N5933
20.9
23.1
17
17.5
0.25
650
1
16.7
68
F1N5934
22.8
25.2
15.6
19
0.25
700
1
18.2
62
F1N5935
25.65
28.35
13.9
23
0.25
700
1
20.6
55
F1N5936
28.5
31.5
12.5
28
0.25
750
1
22.8
50
F1N5937
31.35
34.65
11.4
33
0.25
800
1
25.1
45
F1N5938
34.2
37.8
10.4
38
0.25
850
1
27.4
41
F1N5939
37.05
40.95
9.6
45
0.25
900
1
29.7
38
F1N5940
40.85
45.15
8.7
53
0.25
950
1
32.7
34
F1N5941
44.65
49.35
8
67
0.25
1000
1
35.8
31
F1N5942
48 45
53 55
73
70
025
1100
1
38 8
29
F1N5942
48.45
53.55
7.3
70
0.25
1100
1
38.8
29
F1N5943
53.2
58.8
6.7
86
0.25
1300
1
42.6
26
F1N5944
58.9
65.1
6
100
0.25
1500
1
47.1
24
F1N5945
64.6
71.4
5.5
120
0.25
1700
1
51.7
22
F1N5946
71.25
78.8
5
140
0.25
2000
1
56
20
F1N5947
77.9
86.1
4.6
160
0.25
2500
1
62.2
18
F1N5948
86.45
95.6
4.1
200
0.25
3000
1
69.2
16
F1N5949
95
105
3.7
250
0.25
3100
1
76
15
F1N5950
104.5
115.5
3.4
300
0.25
4000
1
83.6
13
F1N5951
114
126
3.1
380
0.25
4500
1
91.2
12
F1N5952
123.5
136.5
2.9
450
0.25
5000
1
98.8
11
F1N5953
142.5
157.5
2.5
600
0.25
6000
1
114
10
F1N5954
152
168
2.3
700
0.25
6500
1
121.6
9
F1N5955
171
189
21
900
025
7000
1
136 8
8
F1N5955
171
189
2.1
900
0.25
7000
1
136.8
8
F1N5956
190
210
1.9
1200
0.25
8000
1
152
7
www.goodark.com
2/5
2014.12-Rev.B


Similar Part No. - F1N5924

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
More results

Similar Description - F1N5924

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com