Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM90P10-19B Datasheet(PDF) 4 Page - Analog Power

Part No. AM90P10-19B
Description  P-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P10-19B Datasheet(HTML) 4 Page - Analog Power

  AM90P10-19B Datasheet HTML 1Page - Analog Power AM90P10-19B Datasheet HTML 2Page - Analog Power AM90P10-19B Datasheet HTML 3Page - Analog Power AM90P10-19B Datasheet HTML 4Page - Analog Power AM90P10-19B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM90P10-19B
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics
0
2
4
6
8
10
0
50
100
150
200
250
300
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
TC = 25°C
0
200
400
600
800
1000
1200
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100 125 150 175
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 11 °C /W
VDS = -50V
ID = -20A
© Preliminary
4
Publication Order Number:
DS_AM90P10-19B_1B


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn