Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012ATLD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LT012ATLD
Description  3V LVDS Single CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LT012ATLD Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DS90LT012ATLD Datasheet HTML 1Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 2Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 3Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 4Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 5Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 6Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 7Page - National Semiconductor (TI) DS90LT012ATLD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
LLP-8, 3mm x 3mm Body
Order Number DS90LV012ATLD, DS90LT012ATLD
NS Package Number LDA08A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - DS90LT012ATLD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012ATLD NSC-DS90LT012ATLD Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LT012ATLD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com